Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 5Page - Dialog Semiconductor ATXP032 Datasheet HTML 6Page - Dialog Semiconductor ATXP032 Datasheet HTML 7Page - Dialog Semiconductor ATXP032 Datasheet HTML 8Page - Dialog Semiconductor ATXP032 Datasheet HTML 9Page - Dialog Semiconductor ATXP032 Datasheet HTML 10Page - Dialog Semiconductor ATXP032 Datasheet HTML 11Page - Dialog Semiconductor ATXP032 Datasheet HTML 12Page - Dialog Semiconductor ATXP032 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
7
ATXP032
DS-ATXP032–114I–4-2020
SCK
SERIAL CLOCK: This pin is used to provide a clock to the device and is used to control the
flow of data to and from the device.
In Single Data Rate (SDR) modes, command, address, and input data present on the I/O pins
are always latched in on the rising edge of SCK, while output data on the I/O pins is always
clocked out on the falling edge of SCK. In the Double Data Rate (DDR) modes, address and
input data present on the I/O pins data are latched on both clock edges. For more accurate
operation at high speeds, SCK is returned as DS synchronous to output data.
-
Input
SI (I/O
0)
SERIAL INPUT: In SPI mode, the SI pin is used to shift data into the device. The SI pin is used
for all data input including command and address sequences.
In SDR modes, command, address, and input data present on the SI pin is always latched in
on the rising edge of SCK. In the DDR modes, address and input data present on the SI pin is
latched on both edges of SCK.
In octal mode, the SI Pin becomes an I/O pin (I/O
0) in conjunction with other pins. In SDR
modes this allows eight bits of command, address, or input data on I/O
7-0 to be clocked in on
the rising edge of SCK, or eight bits clocked out on the falling edge of SCK.
In Double Data Rate (DDR) mode this allows eight bits of address or input data on I/O7-0 to be
clocked in on every edge of SCK, or eight bits clocked out on every edge of SCK. Commands
are clocked on the rising edge of SCK, requiring a whole clock cycle also in the DDR modes.
To maintain consistency with the SPI nomenclature, the SI (I/O
0) pin is referenced as the SI
pin, unless specifically addressing the multi-I/O modes, in which case it is referenced as I/O0.
Data present on the SI pin is ignored whenever the device is deselected (CS is deasserted).
-
Input/
Output
SO (I/O
1)
SERIAL OUTPUT: The SO pin is used to shift data out from the device.
In the Single Data Rate (SDR) mode, data on the SO pin is always clocked out on the falling
edge of SCK. In the Double Data Rate (DDR) mode, data on the SO pin is clocked out on both
edges of SCK.
In octal mode, the SO Pin becomes an I/O pin (I/O
1) in conjunction with other pins. In SDR
modes this allows eight bits of command, address, or input data on I/O
7-0 to be clocked in on
the rising edge of SCK, or eight bits clocked out on the falling edge of SCK.
In DDR mode this allows eight bits of address or input data on I/O7-0 to be clocked in on every
edge of SCK, or eight bits clocked out on every edge of SCK. Commands are clocked on the
rising edge of SCK, requiring a whole clock cycle also in the DDR mode.
To maintain consistency with the SPI nomenclature, the SO (I/O
1) pin is referenced as the SO
pin throughout this document, unless specifically addressing the Multi-I/O modes, in which
case it is referenced as I/O
1.
The SO pin is placed in the high-impedance state whenever the device is deselected (CS is
deasserted).
-
Input/
Output
Table 4-1.
Pin Descriptions (Continued)
Symbol
Description
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com