Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
65
ATXP032
DS-ATXP032–114I–4-2020
After the address byte and the dummy cycles have been clocked in, additional clock cycles result in data being
output on the I/O pin(s). The data is always output with the MSB of a byte first. If Status/Control Register Byte 1 is
read first, it is directly followed by Status/Control register byte 2 and so on. The output values for addresses higher
than 3 are not defined in this device.
Note that for octal DDR mode, Status/Control register bytes are output on both edges of the SCK pulse. When
reading just a single register (on the rising SCK edge), the next register location is also read out (on the falling SCK
edge). When reading all three registers, the following register location is also read out (on the falling edge of the
2nd SCK clock). If the extra register location read out is not with address 1 - 3, the value read out is undefined.
Deasserting the CS pin terminates the read operation and put the I/O pin(s) used into a high-impedance state. The
CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 12-1. Read Status/Control Registers
Figure 12-2. Read Status/Control Registers in Octal Mode — SDR
D
D
D
D
D
D
D
D
X
X
X
X
X
X
X
X
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
1
1
0
0
1
0
1
Output Data Byte 1
1 Dummy Byte
Address Bits A7-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
12 13
16 17
15
14
20
18
22 23
26 27
25
24
21
28
30
29
19
SI
SCK
SO
CS
Byte1
Byte2
Output Data
4 Dummy Cycles
A7-0
Address
65h
Opcode
2
3
1
0
4
6
5
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com