Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 133 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 133 Page - ams AG

Back Button AS3911 Datasheet HTML 129Page - ams AG AS3911 Datasheet HTML 130Page - ams AG AS3911 Datasheet HTML 131Page - ams AG AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
ams Datasheet
Page 133
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
FeliCa Reader Mode
The general recommendation from previous chapter is valid
also for FeliCa reader mode. Bit rates 212 and 424 kbit/s are
supported. Bit rates are the same in both (reader to tag and tag
to reader) directions. Modulation reader to tag is AM.
In FeliCa mode the FeliCa frame format is supported.
Figure 121:
FeliCa Frame Format
FeliCa Transmission
In order to transmit FeliCa frame only the Payload data is put in
the FIFO. The number of Payload bytes is defined in the Number
of Transmitted Bytes Register 1 and Number of Transmitted
Bytes Register 2. Preamble length is defined by bits f_p1 and
f_p0 in the ISO14443B and FeliCa Settings Register, default
value is 48 bits, but also other options are possible.
Transmission is triggered by sending direct command Transmit
With CRC. First preamble is sent, followed by SYNC and Length
bytes. Then Payload stored in FIFO is sent, transmission is
terminated by two CRC bytes which are calculated by the
AS3911. Length byte is calculated from ‘number of transmitted
bytes’.
The following equation is used:
length = payload length + 1 = number of transmitted bytes +1
FeliCa Reception
After transmission is done the AS3911 logic starts to parse the
receiver output to detect the Preamble of FeliCa tag reply.
Once the Preamble followed by the two SYNC bytes is detected
the Length byte and Payload data are put in the FIFO. CRC bytes
are internally checked.
NFCIP-1 Operation
The AS3911 supports all NFCIP-1 initiator modes and active
communication target modes. All NFCIP-1 bit rates (106, 212
and 424 kbit/s) are supported.
Preamble: 48 data bits all logical 0
Sync:
2 bytes (B2h, 4Dh)
Length:
Length byte (value= payload length + 1), the length range is from 2 to 255
Payload:
Payload
CRC:
2 bytes
Preamble
SYNC
Length
Payload
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com