Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 137 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 137 Page - ams AG

Back Button AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 159 page
background image
ams Datasheet
Page 137
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
The tx_en bit and therefore switching on of the transmitter is
controlled by NFC Field ON commands. Switching OFF the field
is performed automatically after a message has been sent. The
General Purpose and No-Response Timer Control Register is
used to define the time during which the field stays switched
on after a message has been transmitted.
In order to receive the NFCIP-1 active reply only the AM
demodulation channel is used. Due to this the Receiver AM
channel has to be enabled. The preset done by Analog Preset
command enables only the AM demodulation channel, while
PM channel is disabled to save current.
In NFCIP-1 active communication the NFCIP-1Transport Frame
format (See Figure 123) is always used. Due to this the
ISO14443A and NFC 106kbit/s Settings Register bit nfc_f0 is set
by Analog Preset command (see Support of NFCIP-1Transport
Frame Format).
NFCIP-1 active communication sequence when bit nfc_ar in the
Mode Definition Register is set (automatic Response RF
Collision Avoidance sequence). During this sequence bits
nfc_n1 and nfc_n0 of the Auxiliary Definition Register have to
be 0 to produce Response Collision Avoidance sequence with
n=0:
1.
First the direct command NFC Initial Field ON is sent. In
case no collision was detected during RF collision
avoidance the field is switched on and an IRQ with I_cat
flag set is sent to controller after TIRFG.
2.
The message, which was prepared as in case of reader
to tag communication, is transmitted using Transmit
command.
3.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined by the General Purpose Timer. (The
General Purpose Timer IRQ may be masked since
controller does not need this information).
4.
After switching off its field the AS3911 starts the
No-response Timer and observes the External Field
Detector output to detect the switching on of the target
field. In case the target field is not detected before
No-response Timer timeout, an IRQ due No-response
Timer expire is sent.
5.
When Target field is detected an IRQ with I_eon flag set
is sent to controller and Mask-receive Timer is started.
After the Mask Receive Timer expires the receiver output
starts to be observed to detect start of the target
response. The reception process goes on as in case of
reader to tag communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com