Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 135 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 135 Page - ams AG

Back Button AS3911 Datasheet HTML 131Page - ams AG AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 159 page
background image
ams Datasheet
Page 135
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Support of NFCIP-1Transport Frame Format
Figure 123 depicts the Transport Frame according to NFCIP-1
standard.
Figure 123:
Transport Frame Format According to NFCIP-1
Transport Frame for bit rate 212 and 424 kbit/s has the same
format as communication frame used during Initialization and
SDD. This format is also used in FeliCa protocol (see also FeliCa
Reader Mode). In case of 106 kbit/s the SB (Start byte at F0h)
and LEN (length byte) are only used in Transport Frame.
Support of Transport Frame for 106 kbit/s NFCIP-1
communication is enabled by setting bit nfc_f0 in the
ISO14443A and NFC 106kbit/s Settings Register.
Once this bit is set and ISO 14443A mode with bit rate 106 kbit/s
is configured, the behavior of the AS3911 framing is as follows:
Transmission
In order to transmit a Transport Frame only the Transport Data
has to be put in FIFO. The number of Transport Data bytes is
defined in the Number of Transmitted Bytes Register 1 and
Number of Transmitted Bytes Register 2. Transmission is
triggered by sending direct command Transmit With CRC. First
Start byte with value F0h followed by Length byte are sent. Then
Transport Data stored in FIFO is sent, transmission is terminated
by two CRC bytes (E1 in Figure 123) which are calculated by the
AS3911. Length byte is calculated from ‘number of transmitted
bytes’. The following equation is used:
length = Transport Data length + 1 = number of transmitted
bytes +1
Reception
After transmission is done the AS3911 logic starts to parse the
receiver output to detect the start of tag reply.
Once the start of communication sequence is detected the first
byte (Start Byte with value F0h) is checked the Length byte and
Transport Data bytes are put in the FIFO.
SB
LEN
CMD0
CMD1
Byte 0
Byte 1
Byte 2
…
…
Byte n
E1
SB
LEN
CMD0
CMD1
Byte 0
Byte 1
Byte 2
…
…
Byte n
E2
PA
Transport Data Field
Transport Data Field
Frame Format
for 106 kbps
Frame Format
for 212 kbps
and 424 kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com