Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 136 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 136 Page - ams AG

Back Button AS3911 Datasheet HTML 132Page - ams AG AS3911 Datasheet HTML 133Page - ams AG AS3911 Datasheet HTML 134Page - ams AG AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 159 page
background image
Page 136
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
CRC bytes are internally checked. In case the Start byte is not
equal to F0h the following data bytes are still put in FIFO,
additionally a soft framing error IRQ is set to indicate the Start
Byte error.
NFCIP-1 Active Communication Initiator
During NFCIP-1 active communication both, initiator and target
switch on its field when transmitting and switch off its field
when receiving. In order to operate as NFCIP-1 active
communication initiator the AS3911 has to be configured
according to table below (bit targ in the Mode Definition
Register has to be 0):
Figure 124:
Operation Mode and Bit Rate Setting for NFCIP-1 Active Communication Initiator
After selecting the NFCIP-1 active communication mode the
Receiver and Transmitter have to be configured properly. This
configuration can be done automatically by sending direct
command Analog Preset (see Analog Preset).
During NFCIP-1 active communication the RF Collision
avoidance and switching on the field is performed using ‘NFC
Field ON’ commands (see NFC Field ON Commands), while the
sending of message is performed using Transmit commands as
in the case of reader communication. Alternatively the
Response RF Collision Avoidance sequence is started
automatically when the switching off of target field is detected
in case the bit nfc_ar in the Mode Definition Register is set.
When NFCIP-1 mode is activated the External Field Detector is
automatically enabled by setting bit en_fd in the Auxiliary
Display Register. The Peer Detection Threshold is used to detect
target field. During execution of ‘NFC Field ON’ commands, the
Collision Avoidance Threshold is used.
Initial set-up of the Operation Control Register before the start
of communication is the same as in case of reader to tag
communication with the exception that the transmitter is not
enabled by setting the tx_en bit.
NFCIP-1
Bit Rate [kbit/s]
Initiator
Operation
Mode Setting
Bit Rate for Tx
[kbit/s]
Bit Rate for Rx
[kbit/s]
Comment
106
NFCIP-1 active
communication
fc/128 (~106)
x
For all NFCIP-1
communication,
data rate is the same
in both directions.
212
NFCIP-1 active
communication
fc/64 (~212)
x
424
NFCIP-1 active
communication
fc/32 (~424)
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com