Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 140 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 140 Page - ams AG

Back Button AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 159 page
background image
Page 140
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
2.
When initiator field is detected an IRQ with I_eon flag
set is sent to controller and Mask-receive Timer is
started. After the Mask Receive Timer expires the
receiver output starts to be observed to detect start of
the initiator response. The reception process goes on as
in case of reader to tag communication.
3.
When the External Field Detector detects that the target
has switched off its field, it sends an IRQ with I_eof flag
set to the controller, and in case bit nfc_ar is set
automatically activates the sequence of direct
command NFC Response Field ON. In case no collision
is detected during RF collision avoidance the field is
switched on and an IRQ with I_cat flag set is sent to
controller after TARFG.
4.
The reply which was prepared as in case of reader to tag
communication is transmitted using Transmit
command
5.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined in General Purpose Timer. In case a
new command from initiator is expected the General
Purpose Timer IRQ may be masked since controller does
not need this information.
6.
In case a new command from Initiator is expected the
sequence loops through point 1. In case the target reply
was the last in a sequence (DLS_RES in case of NFCIP-1
protocol) a new command from initiator is not expected.
At the moment the field is switched off, a General
Purpose Timer IRQ is received and the AS3911 is put
back in the low power NFC Target Mode by deactivating
the Operation Control Register. NFC mode is changed
back to rate detection mode by writing the Mode
Definition Register.
AM Modulation Depth: Definition and
Calibration
The AS3911 Transmitter supports OOK and AM modulation. The
choice between OOK and AM modulation is done by writing
Auxiliary Definition Register bit tr_am. AM modulation is preset
by direct command Analog Preset in case the following
protocols are configured:
• ISO14443B
• FeliCa
• NFCIP-1 212 and 424 kbit/s
The AM modulation depth can be automatically adjusted by
setting the AM Modulation Depth Control Register and sending
the direct command Calibrate Modulation Depth. There is also
an alternative possibility where the command Calibrate
Modulation Depth is not used and the modulated level is
defined by writing the Antenna driver RFO AM Modulated Level
Definition Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com