Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 141 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 141 Page - ams AG

Back Button AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG AS3911 Datasheet HTML 144Page - ams AG AS3911 Datasheet HTML 145Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 159 page
background image
ams Datasheet
Page 141
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
AM Modulation Depth Definition Using the ‘Calibrate
Modulation Depth’ Direct Command
Before sending the direct command Calibrate Modulation
Depth the AM Modulation Depth Control Register has to be
configured in the following way:
• The bit 7 (am_s) has to be set to 0 to choose definition by
the command Calibrate Modulation Depth
• Bits 6 to 1 (mod5 to mod0) define target AM modulation
depth
Definition of Modulation Depth Using Bits mod5 to mod0:
The RFID standard documents usually define the AM
modulation level in form of the modulation index. The
modulation index is defined by formula (a-b)/(a+b) where a is
amplitude of the non-modulated carrier and b is the amplitude
of the modulated carrier.
The modulation index specification is different for different
standards. The ISO14443B modulation index is typically 10%
with allowed range from 8% to 14%, range from 10 to 30% is
defined in the ISO15693 and 8% to 30% in the FeliCa™ and
NFCIP-1 212 kbit/s and 424 kbit/s.
The bits mod5 to mod0 are used to calculate the amplitude of
the modulated level. The non-modulated level which was
before measured by the A/D converter and stored in an 8 bit
register is divided by a binary number in range from 1 to 1.98.
The bits mod5 to mod0 define binary decimals of this number.
Example:
In case of the modulation index 10% the modulated level
amplitude is 1.2222 times lower than the non-modulated level.
1.2222 converted to binary and truncated to 6 decimals is
1.001110. So in order to define the modulation index 10% the
bits mod5 to mod0 have to be set to 001110.
The table below depicts setting of the mod bits for some often
used modulation indexes.
Figure 125:
Setting of the mod Bits for Some Often Used Modulation Indexes
Modulation Index [%]
a/b [dec]
a/b [bin]
mod5 to mod0
8
1.1739
1.001011
001011
10
1.2222
1.001110
001110
14
1.3256
1.010100
010100
20
1.5000
1.100000
100000
30
1.8571
1.110111
110111
33
1.9843
1.111111
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com