Electronic Components Datasheet Search
  English  ▼

X  

AS3911 Datasheet(PDF) 139 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 139 Page - ams AG

Back Button AS3911 Datasheet HTML 135Page - ams AG AS3911 Datasheet HTML 136Page - ams AG AS3911 Datasheet HTML 137Page - ams AG AS3911 Datasheet HTML 138Page - ams AG AS3911 Datasheet HTML 139Page - ams AG AS3911 Datasheet HTML 140Page - ams AG AS3911 Datasheet HTML 141Page - ams AG AS3911 Datasheet HTML 142Page - ams AG AS3911 Datasheet HTML 143Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
ams Datasheet
Page 139
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
3.
Once the start of initiator message is detected, an IRQ
due to start of receive is sent, the framing logic switches
on a module which automatically recognizes the bit rate
of signal sent by the initiator. Once the bit rate is
recognized an IRQ with I_nfct flag set is sent and the bit
rate is automatically loaded in the NFCIP Bit Rate
Detection Display Register. Detection of bit rate is also
a condition that automatic Response RF Collision
Avoidance sequence is enabled). The received message
is decoded and put into the FIFO, IRQ is sent as after any
received message.
4.
The controller sends direct command Go to Normal NFC
Mode, to copy the content of the NFCIP Bit Rate
Detection Display Register to the Bit Rate Definition
Register and to change the NFCIP-1 target mode to
normal (the command Go To Normal Mode and reading
of received data can be chained). Since the Tx
modulation type depends on bit rate, the Tx modulation
type also has to be correctly set at this point. The
simplest way to do it is to issue direct command Analog
Preset.
5.
When the External Field Detector detects that the target
has switched off its field, it sends an IRQ with I_eof flag
set to the controller, and in case bit nfc_ar is set
automatically activates the sequence of direct
command NFC Response Field ON. Bits nfc_n1 and
nfc_n0 of the Auxiliary Definition Register are used to
define number n of Response RF Collision Avoidance
sequence. In case no collision is detected during RF
collision avoidance the field is switched on and an IRQ
with I_cat flag set is sent to controller after TARFG.
6.
The reply, which was prepared as in case of reader to
tag communication is transmitted using Transmit
command.
7.
After the message is sent the field is switched off. The
time between the end of the message and switching off
the field is defined in the General Purpose Timer. (The
General Purpose Timer IRQ may be masked since
controller does not need this information).
From this point on the communication with initiator loops
through the following sequence (during this sequence bits
nfc_n1 and nfc_n0 of the Auxiliary Definition Register have to
be 0 to produce Response RF Collision Avoidance with n=0):
1.
After switching off its field the AS3911 starts the
No-response Timer and observes the External Field
Detector output to detect the switching on of the
initiator field. In case the initiator field is not detected
before No-response Timer timeout, an IRQ due
No-response Timer expire is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com