Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 14Page - NXP Semiconductors MMPF0100 Datasheet HTML 15Page - NXP Semiconductors MMPF0100 Datasheet HTML 16Page - NXP Semiconductors MMPF0100 Datasheet HTML 17Page - NXP Semiconductors MMPF0100 Datasheet HTML 18Page - NXP Semiconductors MMPF0100 Datasheet HTML 19Page - NXP Semiconductors MMPF0100 Datasheet HTML 20Page - NXP Semiconductors MMPF0100 Datasheet HTML 21Page - NXP Semiconductors MMPF0100 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
18
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6
Functional block requirements and behaviors
6.1
Start-up
The PF0100 can be configured to start-up from either the internal OTP configuration, or with a hard-coded configuration built in to the
device. The internal hard-coded configuration is enabled by connecting the VDDOTP pin to VCOREDIG through a 100 k
Ω resistor. The
OTP configuration is enabled by connecting VDDOTP to GND.
For NP devices, selecting the OTP configuration causes the PF0100 to not start-up. However, the PF0100 can be controlled through the
I2C port for prototyping and programming. Once programmed, the NP device starts up with the customer programmed configuration.
6.1.1
Device start-up configuration
Table 10 shows the default configuration, which can be accessed on all devices as described previously, as well as the pre-programmed
OTP configurations.
Table 10. Start-up configuration
Registers
Default
configuration
Pre-programmed OTP configuration
All devices
F0
F1(25)
F2(25)
F3
F4
F6
F9
FA
FB
FC
FD
Default I2C Address
0x08
0x08
0x08
0x08
0x08
0x08
0x08
0x08
0x08
0x08
0x08
0x08
VSNVS_VOLT
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
3.0 V
SW1AB_VOLT
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.2 V
SW1AB_SEQ
1
1
112
22
55
2
2
2
SW1C_VOLT
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.375 V
1.2 V
SW1C_SEQ
1
2
112
22
55
2
2
2
SW2_VOLT
3.0 V
3.3 V
3.15 V
3.15 V
3.15 V
3.15 V
3.3 V
1.375 V
1.375 V
3.3 V
3.3 V
3.15 V
SW2_SEQ
2
5
221
14
55
6
5
1
SW3A_VOLT
1.5 V
1.5 V
1.2 V
1.5 V
1.2 V
1.5 V
1.35 V
1.350 V
1.5 V
1.2 V
1.35 V
1.2 V
SW3A_SEQ
3
3
444
43
66
4
3
4
SW3B_VOLT
1.5 V
1.5 V
1.2 V
1.5 V
1.2 V
1.5 V
1.35 V
1.350 V
1.5 V
1.2 V
1.35 V
1.2 V
SW3B_SEQ
3
3
444
43
66
4
3
4
SW4_VOLT
1.8 V
3.15 V
1.8 V
1.8 V
1.8 V
1.8 V
1.8 V
1.825 V
1.825 V
1.8 V
3.15 V
1.8 V
SW4_SEQ
3
6
333
34
77
3
6
3
SWBST_VOLT
-
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
5.0 V
SWBST_SEQ
-
13
6
6
6
6
Off
10
10
Off
13
6
VREFDDR_SEQ
3
3
4
4
4
4
3
6
6
4
3
4
VGEN1_VOLT
-
1.5 V
1.2 V
1.2 V
1.2 V
1.2 V
1.2 V
1.2 V
1.2 V
1.5 V
1.5 V
1.2 V
VGEN1_SEQ
-
9
4
4
4
4
5
-
-
3
9
-
VGEN2_VOLT
1.5 V
1.5 V
-
-
-
-
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
VGEN2_SEQ
2
10
-
-
-
-
Off
8
8
Off
10
7
VGEN3_VOLT
-
2.5 V
-
-
-
-
2.8 V
1.8 V
1.8 V
2.5 V
2.5 V
1.8 V
VGEN3_SEQ
-
11
-
-
-
-
5
8
8
Off
11
7
VGEN4_VOLT
1.8 V
1.8 V
1.8 V
1.8 V
1.8 V
1.8 V
1.8 V
3.0 V
3.0 V
1.8 V
1.8V
1.8 V
VGEN4_SEQ
3
7
3
3
3
3
4
4
4
7
7
3
VGEN5_VOLT
2.5 V
2.8 V
2.5 V
2.5 V
2.5 V
2.5 V
3.3 V
2.5 V
2.5 V
2.8 V
2.8 V
2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com