Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 82Page - NXP Semiconductors MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 136 page
background image
86
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.2
VGEN2
VGEN1 AC and transient (continued)
GEN1tOFF
Turn-off time
• Disable to 10% of initial value, VIN1 = 1.75 V
• IGEN1 = 0.0 mA
––
10
ms
GEN1OSHT
Start-up overshoot
• VIN1 = 1.75 V, 3.4 V, IGEN1 = 0.0 mA
–1.0
2.0
%
VGEN1LOTR
Transient load response
•VIN1 = 1.75 V, 3.4 V
• IGEN1 = 10 mA to 100 mA in 1.0 μs. Peak of overshoot or
undershoot of VGEN1 with respect to final value
• Refer to Figure 31
––
3.0
%
VGEN1LITR
Transient line response
•IGEN1 = 75 mA
• VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN1[3:0] = 0000 to 1101
• VIN1INITIAL = VGEN1+0.3 V to VIN1FINAL = VGEN1+0.8 V for
VGEN1[3:0] = 1110, 1111
• Refer to Figure 31
–5.0
8.0
mV
Notes
66.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 103. VGEN2 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111,
IGEN2 = 10 mA and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN2
VIN1
Operating input voltage
1.75
–
3.40
V
VGEN2NOM
Nominal output voltage
–
Table 92
–V
IGEN2
Operating load current
0.0
–
250
mA
VGEN2 active mode - DC
VGEN2TOL
Output voltagetolerance
• 1.75 V < VIN1 < 3.4 V
• 0.0 mA < IGEN2 < 250 mA
• VGEN2[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN2LOR
Load regulation
• (VGEN2 at IGEN2 = 250 mA) - (VGEN2 at IGEN2 = 0.0 mA)
• For any 1.75 V < VIN1 < 3.4 V
–0.05–
mV/mA
VGEN2LIR
Line regulation
• (VGEN2 at VIN1 = 3.4 V) - (VGEN2 at VIN1 = 1.75 V)
• For any 0.0 mA < IGEN2 < 250 mA
–0.50–
mV/mA
Table 102. VGEN1 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111,
IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com