Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors MMPF0100 Datasheet HTML 92Page - NXP Semiconductors MMPF0100 Datasheet HTML 93Page - NXP Semiconductors MMPF0100 Datasheet HTML 94Page - NXP Semiconductors MMPF0100 Datasheet HTML 95Page - NXP Semiconductors MMPF0100 Datasheet HTML 96Page - NXP Semiconductors MMPF0100 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
NXP Semiconductors
93
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.6
VGEN6
VGEN5 active mode – DC (continued)
VGEN5LOTR
Transient load response
• VIN3 = VIN3MIN, 4.5 V
• IGEN5 = 10 to 100 mA in 1.0 μs
• Peak of overshoot or undershoot of VGEN5 with respect to final
value.
• Refer to Figure 31
––
3.0
%
VGEN5LITR
Transient line response
• IGEN5 = 75 mA
• VIN3INITIAL = 2.8 V to VIN3FINAL = 3.3 V for VGEN5[3:0] = 0000 to
0111
• VIN3INITIAL = VGEN5+0.3 V to VIN3FINAL = VGEN5+0.8 V for
VGEN5[3:0] = 1000 to 1111
• Refer to Figure 31
-5.0
8.0
mV
Notes
72.
When the LDO output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
73.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN3MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 107. VGEN6 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111,
IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN6
VIN3
Operating input voltage
• 1.8 V
≤ VGEN6NOM ≤ 2.5 V
• 2.6 V
≤ VGEN6NOM ≤ 3.3 V
2.8
VGEN6NO
M+ 0.250
–
–
4.5
4.5
V
—
(74)
VGEN6NOM
Nominal output voltage
–
Table 93
–V
IGEN6
Operating load current
0.0
–
200
mA
VGEN6 DC
VGEN6TOL
Output voltage tolerance
• VIN3MIN < VIN3 < 4.5 V
• 0.0 mA < IGEN6 < 200 mA
• VGEN6[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN6LOR
Load regulation
• (VGEN6 at IGEN6 = 200 mA) - (VGEN6 at IGEN6 = 0.0 mA)
• For any VIN3MIN < VIN3 < 4.5 V
–0.10–
mV/mA
VGEN6LIR
Line regulation
• (VGEN6 at VIN3 = 4.5 V) - (VGEN6 at VIN3MIN)
• For any 0.0 mA < IGEN6 < 200 mA
–0.50–
mV/mA
IGEN6LIM
Current limit
• IGEN6 when VGEN6 is forced to VGEN6NOM/2
• MMPF0100
• MMPF0100A
232
232
333
333
400
475
mA
Table 106. VGEN5 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111,
IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com