Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors MMPF0100 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 136 page
background image
88
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.3
VGEN3
VGEN2 AC and transient (continued)
VGEN2LITR
Transient line response
• IGEN2 = 187.5 mA
• VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN2[3:0] = 0000 to 1101
• VIN1INITIAL = VGEN2+0.3 V to VIN1FINAL = VGEN2+0.8 V for
VGEN2[3:0] = 1110, 1111
• Refer to Figure 31
–5.0
8.0
mV
Notes
67.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 104. VGEN3 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111, IGEN3 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111,
IGEN3 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN3
VIN2
Operating input voltage
• 1.8 V
≤ VGEN3NOM ≤ 2.5 V
• 2.6 V
≤ VGEN3NOM ≤ 3.3 V
2.8
VGEN3NO
M+ 0.250
–
–
3.6
3.6
V—
(68)
VGEN3NOM
Nominal output voltage
–
Table 93
–V
IGEN3
Operating load current
0.0
–
100
mA
VGEN3 DC
VGEN3TOL
Output voltage tolerance
• VIN2MIN < VIN2 < 3.6 V
• 0.0 mA < IGEN3 < 100 mA
• VGEN3[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN3LOR
Load regulation
• (VGEN3 at IGEN3 = 100 mA) - (VGEN3 at IGEN3 = 0.0 mA)
• For any VIN2MIN < VIN2 < 3.6 V
–0.07–
mV/mA
VGEN3LIR
Line regulation
• (VGEN3 at VIN2 = 3.6 V) - (VGEN3 at VIN2MIN )
• For any 0.0 mA < IGEN3 < 100 mA
–0.8
–
mV/mA
IGEN3LIM
Current limit
• IGEN3 when VGEN3 is forced to VGEN3NOM/2
127
167
200
mA
IGEN3OCP
Overcurrent protection threshold
• IGEN3 required to cause the SCP function to disable LDO when
REGSCPEN = 1
120–200
mA
IGEN3Q
Quiescent current
• No load, Change in IVIN and IVIN2
• When VGEN3 enabled
–13–
μA
Table 103. VGEN2 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111,
IGEN2 = 10 mA and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com