Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 38Page - NXP Semiconductors MMPF0100 Datasheet HTML 39Page - NXP Semiconductors MMPF0100 Datasheet HTML 40Page - NXP Semiconductors MMPF0100 Datasheet HTML 41Page - NXP Semiconductors MMPF0100 Datasheet HTML 42Page - NXP Semiconductors MMPF0100 Datasheet HTML 43Page - NXP Semiconductors MMPF0100 Datasheet HTML 44Page - NXP Semiconductors MMPF0100 Datasheet HTML 45Page - NXP Semiconductors MMPF0100 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 136 page
background image
42
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 41. SW1A/B/C output voltage configuration
Set point
SW1x[5:0]
SW1xSTBY[5:0]
SW1xOFF[5:0]
SW1x output (V)
Set point
SW1x[5:0]
SW1xSTBY[5:0]
SW1xOFF[5:0]
SW1x output (V)
0
000000
0.3000
32
100000
1.1000
1
000001
0.3250
33
100001
1.1250
2
000010
0.3500
34
100010
1.1500
3
000011
0.3750
35
100011
1.1750
4
000100
0.4000
36
100100
1.2000
5
000101
0.4250
37
100101
1.2250
6
000110
0.4500
38
100110
1.2500
7
000111
0.4750
39
100111
1.2750
8
001000
0.5000
40
101000
1.3000
9
001001
0.5250
41
101001
1.3250
10
001010
0.5500
42
101010
1.3500
11
001011
0.5750
43
101011
1.3750
12
001100
0.6000
44
101100
1.4000
13
001101
0.6250
45
101101
1.4250
14
001110
0.6500
46
101110
1.4500
15
001111
0.6750
47
101111
1.4750
16
010000
0.7000
48
110000
1.5000
17
010001
0.7250
49
110001
1.5250
18
010010
0.7500
50
110010
1.5500
19
010011
0.7750
51
110011
1.5750
20
010100
0.8000
52
110100
1.6000
21
010101
0.8250
53
110101
1.6250
22
010110
0.8500
54
110110
1.6500
23
010111
0.8750
55
110111
1.6750
24
011000
0.9000
56
111000
1.7000
25
011001
0.9250
57
111001
1.7250
26
011010
0.9500
58
111010
1.7500
27
011011
0.9750
59
111011
1.7750
28
011100
1.0000
60
111100
1.8000
29
011101
1.0250
61
111101
1.8250
30
011110
1.0500
62
111110
1.8500
31
011111
1.0750
63
111111
1.8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com