Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors MMPF0100 Datasheet HTML 92Page - NXP Semiconductors MMPF0100 Datasheet HTML 93Page - NXP Semiconductors MMPF0100 Datasheet HTML 94Page - NXP Semiconductors MMPF0100 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
NXP Semiconductors
91
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.5
VGEN5
VGEN4 AC AND tRANSIENT (Continued)
GEN4tON
Turn-on time
• Enable to 90% of end value, VIN2 = VIN2MIN, 3.6 V
• IGEN4 = 0.0 mA
60
–
500
μs
GEN4tOFF
Turn-off time
• Disable to 10% of initial value, VIN2 = VIN2MIN
• IGEN4 = 0.0 mA
––
10
ms
GEN4OSHT
Start-up overshoot
• VIN2 = VIN2MIN, 3.6 V, IGEN4 = 0.0 mA
–1.0
2.0
%
VGEN4LOTR
Transient load response
• VIN2 = VIN2MIN, 3.6 V
• IGEN4 = 35 to 350 mA in 1.0 μs
• Peak of overshoot or undershoot of VGEN4 with respect to final
value. Refer to Figure 31
––
3.0
%
VGEN4LITR
Transient line response
• IGEN4 = 262.5 mA
• VIN2INITIAL = 2.8 V to VIN2FINAL = 3.3 V for VGEN4[3:0] = 0000
to 0111
• VIN2INITIAL = VGEN4+0.3 V to VIN2FINAL = VGEN4+0.8 V for
VGEN4[3:0] = 1000 to 1010
• VIN2INITIAL = VGEN4+0.25 V to VIN2FINAL = 3.6 V for VGEN4[3:0]
= 1011 to 1111
• Refer to Figure 31
–5.0
8.0
mV
Notes
70.
When the LDO output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
71.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN2MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 106. VGEN5 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111,
IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN5
VIN3
Operating input voltage
• 1.8 V
≤ VGEN5NOM ≤ 2.5 V
• 2.6 V
≤ VGEN5NOM ≤ 3.3 V
2.8
VGEN5NO
M+ 0.250
–
–
4.5
4.5
V—
(72)
VGEN5NOM
Nominal output voltage
–
Table 93
–V
IGEN5
Operating load current
0.0
–
100
mA
Table 105. VGEN4 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111,
IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com