Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 31Page - NXP Semiconductors MMPF0100 Datasheet HTML 32Page - NXP Semiconductors MMPF0100 Datasheet HTML 33Page - NXP Semiconductors MMPF0100 Datasheet HTML 34Page - NXP Semiconductors MMPF0100 Datasheet HTML 35Page - NXP Semiconductors MMPF0100 Datasheet HTML 36Page - NXP Semiconductors MMPF0100 Datasheet HTML 37Page - NXP Semiconductors MMPF0100 Datasheet HTML 38Page - NXP Semiconductors MMPF0100 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
NXP Semiconductors
35
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Transitioning between normal and standby modes can affect a change in switching modes as well as output voltage. The rate of the output
voltage change is controlled by the dynamic voltage scaling (DVS), explained in 6.4.4.2.1 Dynamic voltage scaling, page 35. For each
regulator, the output voltage options are the same for normal and standby modes.
When in standby mode, the regulator outputs the voltage programmed in its standby voltage register and operates in the mode selected
by the SWxMODE[3:0] bits. Upon exiting Standby mode, the regulator returns to its normal switching mode and its output voltage
programmed in its voltage register.
Any regulators whose SWxOMODE bit is set to “1” enters Sleep mode if a PWRON turn-off event occurs, and any regulator whose
SWxOMODE bit is set to “0” turns off. In sleep mode, the regulator outputs the voltage programmed in its off (sleep) voltage register and
operates in the PFM mode. The regulator exits the sleep mode when a turn-on event occurs. Any regulator whose SWxOMODE bit is set
to “1” remains on and change to its normal configuration settings when exiting the sleep state to the on state. Any regulator whose
SWxOMODE bit is set to “0” is powered up with the same delay in the start-up sequence as when powering on from off. At this point, the
regulator returns to its default on state output voltage and switch mode settings.
Table 25 shows the control bits in sleep mode. When sleep mode is activated by the SWxOMODE bit, the regulator uses the set point as
programmed by SW1xOFF[5:0] for SW1A/B/C and by SWxOFF[6:0] for SW2, SW3A/B, and SW4.
6.4.4.2.1
Dynamic voltage scaling
To reduce overall power consumption, processor core voltages can be varied depending on the mode or activity level of the processor.
1. Normal operation: The output voltage is selected by I2C bits SW1x[5:0] for SW1A/B/C and SWx[6:0] for SW2, SW3A/B, and SW4.
A voltage transition initiated by I2C is governed by the DVS stepping rates shown in Table 34 and Table 35.
2. Standby mode: The output voltage can be higher, or lower than in normal operation, but is typically selected to be the lowest state
retention voltage of a given processor; it is selected by I2C bits SW1xSTBY[5:0] for SW1A/B/C and by bits SWxSTBY[6:0] for SW2,
SW3A/B, and SW4. Voltage transitions initiated by a Standby event are governed by the SW1xDVSSPEED[1:0] and
SWxDVSSPEED[1:0] I2C bits shown in Table 34 and Table 35, respectively.
3. Sleep mode: The output voltage can be higher or lower than in normal operation, but is typically selected to be the lowest state
retention voltage of a given processor; it is selected by I2C bits SW1xOFF[5:0] for SW1A/B/C and by bits SWxOFF[6:0] for SW2,
SW3A/B, and SW4. Voltage transitions initiated by a turn-off event are governed by the SW1xDVSSPEED[1:0] and
SWxDVSSPEED[1:0] I2C bits shown in Table 34 and Table 35, respectively.
Table 32, Table 33, Table 34, and Table 35 summarize the set point control and DVS time stepping applied to all regulators.
Table 32. DVS control logic for SW1A/B/C
STANDBY
Set point selected by
0
SW1x[5:0]
1
SW1xSTBY[5:0]
Table 33. DVS control logic for SW2, SW3A/B, and SW4
STANDBY
Set Point Selected by
0
SWx[6:0]
1
SWxSTBY[6:0]
Table 34. DVS speed selection for SW1A/B/C
SW1xDVSSPEED[1:0]
Function
00
25 mV step each 2.0
μs
01 (default)
25 mV step each 4.0
μs
10
25 mV step each 8.0
μs
11
25 mV step each 16
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com