Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 47Page - NXP Semiconductors MMPF0100 Datasheet HTML 48Page - NXP Semiconductors MMPF0100 Datasheet HTML 49Page - NXP Semiconductors MMPF0100 Datasheet HTML 50Page - NXP Semiconductors MMPF0100 Datasheet HTML 51Page - NXP Semiconductors MMPF0100 Datasheet HTML 52Page - NXP Semiconductors MMPF0100 Datasheet HTML 53Page - NXP Semiconductors MMPF0100 Datasheet HTML 54Page - NXP Semiconductors MMPF0100 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 136 page
background image
NXP Semiconductors
51
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 15. SW1AB efficiency waveforms: VIN = 4.2 V; VOUT = 1.375 V; extended industrial version
Figure 16. SW1C efficiency waveforms: VIN = 4.2 V; VOUT = 1.375 V; consumer version
Figure 17. SW1C efficiency waveforms: VIN = 4.2 V; VOUT = 1.375 V; extended industrial version
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com