Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 79Page - NXP Semiconductors MMPF0100 Datasheet HTML 80Page - NXP Semiconductors MMPF0100 Datasheet HTML 81Page - NXP Semiconductors MMPF0100 Datasheet HTML 82Page - NXP Semiconductors MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
NXP Semiconductors
83
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 96. Register VGEN2CTL - ADDR 0x6D
Name
Bit #
R/W
Default
Description
VGEN2
3:0
R/W
0x80
Sets VGEN2 output voltage.
See Table 92 for all possible configurations.
VGEN2EN
4
–
0x00
Enables or disables VGEN2 output
• 0 = OFF
• 1 = ON
VGEN2STBY
5
R/W
0x00
Set VGEN2 output state when in standby. Refer
to Table 94.
VGEN2LPWR
6
R/W
0x00
Enable low-power mode for VGEN2. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 97. Register VGEN3CTL - ADDR 0x6E
Name
Bit #
R/W
Default
Description
VGEN3
3:0
R/W
0x80
Sets VGEN3 output voltage.
See Table 93 for all possible configurations.
VGEN3EN
4
–
0x00
Enables or disables VGEN3 output
• 0 = OFF
• 1 = ON
VGEN3STBY
5
R/W
0x00
Set VGEN3 output state when in standby. Refer
to Table 94.
VGEN3LPWR
6
R/W
0x00
Enable low-power mode for VGEN3. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 98. Register VGEN4CTL - ADDR 0x6F
Name
Bit #
R/W
Default
Description
VGEN4
3:0
R/W
0x80
Sets VGEN4 output voltage.
See Table 93 for all possible configurations.
VGEN4EN
4
–
0x00
Enables or disables VGEN4 output
• 0 = OFF
• 1 = ON
VGEN4STBY
5
R/W
0x00
Set VGEN4 output state when in standby. Refer
to Table 94.
VGEN4LPWR
6
R/W
0x00
Enable low-power mode for VGEN4. Refer to
Table 94.
UNUSED
7
–
0x00
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com