Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 18Page - NXP Semiconductors MMPF0100 Datasheet HTML 19Page - NXP Semiconductors MMPF0100 Datasheet HTML 20Page - NXP Semiconductors MMPF0100 Datasheet HTML 21Page - NXP Semiconductors MMPF0100 Datasheet HTML 22Page - NXP Semiconductors MMPF0100 Datasheet HTML 23Page - NXP Semiconductors MMPF0100 Datasheet HTML 24Page - NXP Semiconductors MMPF0100 Datasheet HTML 25Page - NXP Semiconductors MMPF0100 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
22
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.1.2.2
PWRON pin configuration
The PWRON pin can be configured as either a level sensitive input (PWRON_CFG = 0), or as an edge sensitive input
(PWRON_CFG = 1). As a level sensitive input, an active high signal turns on the part and an active low signal turns off the part, or puts it
into sleep mode. As an edge sensitive input, such as when connected to a mechanical switch, a falling edge turns on the part and if the
switch is held low for greater than or equal to 4.0 seconds, the part turns off or enters sleep mode.
6.1.2.3
I2C address configuration
The I2C device address can be programmed from 0x08 to 0x0F. This allows flexibility to change the I2C address to avoid bus conflicts.
Address bit, I2C_SLV_ADDR[3] in OTP_I2C_ADDR register is hard coded to “1” while the lower three LSBs of the I2C address
(I2C_SLV_ADDR[2:0]) are programmable as shown in Table 15.
Table 12. Start-up sequence
SWxx_SEQ[4:0]/
VGENx_SEQ[4:0]/
VREFDDR_SEQ[4:0]
Sequence
00000
Off
00001
SEQ_CLK_SPEED[1:0] * 1
00010
SEQ_CLK_SPEED[1:0] * 2
**
**
**
**
11111
SEQ_CLK_SPEED[1:0] * 31
Table 13. Start-up sequence clock speed
SEQ_CLK_SPEED[1:0]
Time (
μs)
00
500
01
1000
10
2000
11
4000
Table 14. PWRON configuration
PWRON_CFG
Mode
0
PWRON pin HIGH = ON
PWRON pin LOW = OFF or Sleep mode
1
PWRON pin pulled LOW momentarily = ON
PWRON pin LOW for 4.0 seconds = OFF or Sleep mode
Table 15. I2C address configuration
I2C_SLV_ADDR[3]
hard coded
I2C_SLV_ADDR[2:0]
I2C device address
(Hex)
1
000
0x08
1
001
0x09
1
010
0x0A
1
011
0x0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com