Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 76Page - NXP Semiconductors MMPF0100 Datasheet HTML 77Page - NXP Semiconductors MMPF0100 Datasheet HTML 78Page - NXP Semiconductors MMPF0100 Datasheet HTML 79Page - NXP Semiconductors MMPF0100 Datasheet HTML 80Page - NXP Semiconductors MMPF0100 Datasheet HTML 81Page - NXP Semiconductors MMPF0100 Datasheet HTML 82Page - NXP Semiconductors MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
80
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6
LDO regulators description
This section describes the LDO regulators provided by the PF0100. All regulators use the main bandgap as reference. Refer to 6.3 Bias
and references block description, page 24 for further information on the internal reference voltages.
A low-power mode is automatically activated by reducing bias currents when the load current is less than I_Lmax/5. However, the lowest
bias currents may be attained by forcing the part into its low-power mode by setting the VGENxLPWR bit. The use of this bit is only
recommended when the load is expected to be less than I_Lmax/50, otherwise performance may be degraded.
When a regulator is disabled, the output is discharged by an internal pull-down. The pull-down is also activated when RESETBMCU is low.
Figure 30. General LDO block diagram
6.4.6.1
Transient response waveforms
Idealized stimulus and response waveforms for transient line and transient load tests are depicted in Figure 31. Note that the transient line
and load response refers to the overshoot, or undershoot only, excluding the DC shift.
Figure 31. Transient waveforms
VGENx
VINx
VINx
VGENx
CGENx
VGENxEN
VGENxLPWR
VREF
VGENx
I
2C
Interface
Discharge
+
_
10 us
10 us
VINx
Transient Line Stimulus
VINx_INITIAL
VINx_FINAL
1.0 us
1.0 us
IMAX/10
IMAX
ILOAD
Transient Load Stimulus
Undershoot
IL = IMAX/10
VOUT
VOUT Transient Load Response
IL = IMAX
Overshoot
Undershoot
VOUT
VOUT Transient Line Response
Overshoot
VINx_INITIAL
VINx_FINAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com