Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 135 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 128Page - NXP Semiconductors MMPF0100 Datasheet HTML 129Page - NXP Semiconductors MMPF0100 Datasheet HTML 130Page - NXP Semiconductors MMPF0100 Datasheet HTML 131Page - NXP Semiconductors MMPF0100 Datasheet HTML 132Page - NXP Semiconductors MMPF0100 Datasheet HTML 133Page - NXP Semiconductors MMPF0100 Datasheet HTML 134Page - NXP Semiconductors MMPF0100 Datasheet HTML 135Page - NXP Semiconductors MMPF0100 Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
NXP Semiconductors
135
PF0100
REVISION HISTORY
12.0
9/2015
• Updated Table 53
• Updated Table 62
• Updated Table 77
• Updated Table 86
• Fixed typo in Table 138
• Updated Table 139
• Added Table 140
• Corrected the default register value for SW1ABMODE in Table 46
• Corrected the default register value for SW1CMODE in Table 51
• Corrected the default register value for SW2MODE in Table 60
• Corrected the default register value for SW3AMODE in Table 70
• Corrected the default register value for SW3BMODE in Table 75
• Corrected the default register value for SW4MODE in Table 84
• Updated Figure 35
13.0
12/2015
• Removed MMPF0100NPEP, MMPF0100F0EP, MMPF0100F1EP, and MMPF0100F2EP from
Orderable Part Variations. No longer manufactured.
• Updated Table 10
• Reformatted to newer template form and style
14.0
3/2016
• Updated SW2 current capability from 2000 mA to 2500 mA for F9/FA versions
15.0
5/2016
• Changed Table 10 row - Default I2C Address from 0x80 to 0x08 for F9 and FA
16.0
9/2016
• Added NP version to OTP's with SW2 current capability of 2500 mA
• Added MMPF0100FBANES part number to Table 1
• Added FB OTP option to Table 10
17.0
1/2017
• Added MMPF0100FCAEP, MMPF0100FDAEP, and MMPF0100FCANES part numbers to Table 1
• Added OTP configurations for FC and FD to Table 10
18.0
7/2019
• Updated 98ASA00405D drawing as per PCN 201906034F01
• Changed document status from Advance Information to Technical Data
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com