Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 48 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 48 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 44Page - WIZnet Co., Ltd W5300 Datasheet HTML 45Page - WIZnet Co., Ltd W5300 Datasheet HTML 46Page - WIZnet Co., Ltd W5300 Datasheet HTML 47Page - WIZnet Co., Ltd W5300 Datasheet HTML 48Page - WIZnet Co., Ltd W5300 Datasheet HTML 49Page - WIZnet Co., Ltd W5300 Datasheet HTML 50Page - WIZnet Co., Ltd W5300 Datasheet HTML 51Page - WIZnet Co., Ltd W5300 Datasheet HTML 52Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
48
4.1 Mode Register
MR (Mode Register) [R/W] [0x08000/----][0x3800 or 0xB800]
MR sets the mode of W5300 such like that host Interface mode, MSB/LSB swap of
Sn_TX_FIOR & Sn_RX_FIFOR, S/W reset, internal TX/RX memory test, MSB/LSB swap of
data bus and address mode.
MR0
15
14
13
12
11
10
9
8
0x08000
DBW
MPF
WDF2
WDF1
WDF0
RDH
-
FS
----
U(R)
0(R)
1
1
1
0
0
0
MR1
7
6
5
4
3
2
1
0
0x08001
RST
-
MT
PB
PPPoE
DBS
-
IND
----
0
0
0
0
0
0
0
0
MR(15:8)/MR0(7:0)
Bit
Symbol
Description
15
DBW
Data Bus Width
0 : 8 bit data bus
1 : 16 bit data bus
At the reset time of W5300, it is fixed according to logic level of PIN
“BIT16EN”. After reset, it is not changed.
Refer to BIT16EN description of “1.1 PIN Layout”
14
MPF
MAC Layer Pause Frame
0 : Normal frame
1 : Pause frame
It is set as ‘1’, when pause frame is received from router or switch. When set
as ‘1’, all data transmit is paused until changing to ‘0’.
13
WDF2
Write Data Fetch Time
When Host-Write operation
, since ‘/CS’ is asserted low, W5300 fetches
Write-Data after WRF X PLL_CLK.
If Host-Write o
peration is finished (‘/CS’ is de-asserted high) before WRF X
PLL_CLK, Write-
Data is fetched at the time that ‘/CS’ is de-asserted high.
12
WDF1
11
WDF0
10
RDH
Read Data Hold Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com