Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 7 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 7 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 3Page - WIZnet Co., Ltd W5300 Datasheet HTML 4Page - WIZnet Co., Ltd W5300 Datasheet HTML 5Page - WIZnet Co., Ltd W5300 Datasheet HTML 6Page - WIZnet Co., Ltd W5300 Datasheet HTML 7Page - WIZnet Co., Ltd W5300 Datasheet HTML 8Page - WIZnet Co., Ltd W5300 Datasheet HTML 9Page - WIZnet Co., Ltd W5300 Datasheet HTML 10Page - WIZnet Co., Ltd W5300 Datasheet HTML 11Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
7
Target Applications
The W5300 is well-suited for many embedded applications, including:
-
Home Network Devices: Set-Top Boxes, PVRs, Digital Media Adapters
-
Serial-to-Ethernet: Access Controls, LED displays, etc.
-
Parallel-to-Ethernet: POS / Mini Printers, Copiers
-
USB-to-Ethernet: Storage Devices, Network Printers
-
GPIO-to-Ethernet: Home Network Sensors
-
Security Systems: DVRs, Network Cameras, Kiosks
-
Factory and Building Automation
-
Medical Monitoring Equipment
-
Embedded Servers
Features
-
Supports hardwired TCP/IP protocols : TCP,UDP,ICMP,IPv4,ARP,IGMPv2,PPPoE,Ethernet
-
Supports 8 independent SOCKETs simultaneously
-
High network performance : Up to 50Mbps
-
Supports hybrid TCP/IP stack(software and hardware TCP/IP stack)
-
Supports PPPoE connection (with PAP/CHAP Authentication mode)
-
IP Fragmentation is not supported
-
Internal 128Kbytes memory for data communication(Internal TX/RX memory)
-
More flexible allocation internal TX/RX memory according to application throughput
-
Supports memory-to-memory DMA (only 16bit Data bus width & slave mode)
-
Embedded 10BaseT/100BaseTX Ethernet PHY
-
Supports auto negotiation (Full-duplex and half duplex)
-
Supports auto MDI/MDIX(Crossover)
-
Supports network Indicator LEDs (TX, RX, Full/Half duplex, Collision, Link, Speed)
-
Supports a external PHY instead of the internal PHY
-
Supports 16/8 bit data bus width
-
Supports 2 host interface mode(Direct address mode & Indirect address mode)
-
External 25MHz operation frequency (For internal PLL logic, period=40ns)
-
Internal 150MHz core operation frequency (PLL_CLK, period=about 6.67ns)
-
Network operation frequency (NIC_CLK : 25MHz(100BaseTX) or 2.5MHz(10BaseT))
-
3.3V operation with 5V I/O signal tolerance
-
Embedded power regulator for 1.8V core operation
-
0.18 µm CMOS technology
-
100LQFP 14X14 Lead-Free Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com