Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 49 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 49 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 45Page - WIZnet Co., Ltd W5300 Datasheet HTML 46Page - WIZnet Co., Ltd W5300 Datasheet HTML 47Page - WIZnet Co., Ltd W5300 Datasheet HTML 48Page - WIZnet Co., Ltd W5300 Datasheet HTML 49Page - WIZnet Co., Ltd W5300 Datasheet HTML 50Page - WIZnet Co., Ltd W5300 Datasheet HTML 51Page - WIZnet Co., Ltd W5300 Datasheet HTML 52Page - WIZnet Co., Ltd W5300 Datasheet HTML 53Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
49
0 : No use data hold time
1 : Use data hold time (2 X PLL_CLK)
When Host-Read operation, W5300 holds the Read-Data during 2 X
PLL_CLK after Host-Read
operation is finished (‘/CS’ is de-asserted high). In
this case, be careful of collision of data bus.
9
-
Reserved
8
FS
FIFO Swap Bit
0 : Disable swap
1 : Enable swap
It swaps the most significant byte (MSB) and least significant byte (LSB).
Basically, the byte ordering of W5300 is big-endian. If the target host system
is
based
on
little-endian,
you
can
switch
the
byte
ordering
of
Sn_TX
_FIFOR/Sn_RX_FIFOR by setting this bit as ‘1’, and use it as like
little-endian.
MR(7:0)/MR1(7:0)
Bit
Symbol
Description
7
RST
S/W Reset
If it’s set as ‘1’, W5300 is reset.
This bit is automatically cleared after reset.
6
-
Reserved
5
MT
Memory Test Bit
0 : Disable internal TX/RX memory test
1 : Enable internal TX/RX memory test
Basically, internal TX memory of W5300 supports Host-Write operation
through Sn_TX_FIFOR, and internal RX memory does Host-Read operation
through Sn_RX_FIFOR. However if this b
it is set as ‘1’, internal TX/RX
memory supports both of Host-Read and Host-Write operation through
Sn_TX_FIFOR/Sn_RX_FIFOR , and verifies the internal TX/RX memory.
After testing W5300 internal TX/RX memory, be sure to reset or close the
SOCKET.
For the detail, refer to
“How to test internal TX/RX memory”.
4
PB
Ping Block Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com