Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 26 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 26 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 22Page - WIZnet Co., Ltd W5300 Datasheet HTML 23Page - WIZnet Co., Ltd W5300 Datasheet HTML 24Page - WIZnet Co., Ltd W5300 Datasheet HTML 25Page - WIZnet Co., Ltd W5300 Datasheet HTML 26Page - WIZnet Co., Ltd W5300 Datasheet HTML 27Page - WIZnet Co., Ltd W5300 Datasheet HTML 28Page - WIZnet Co., Ltd W5300 Datasheet HTML 29Page - WIZnet Co., Ltd W5300 Datasheet HTML 30Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
26
3. W5300 Registers
W5300 register is composed of MR(to decide direct or indirect address mode), IDM_AR &
IDM_DR(only used at the indirect address mode) and COMMON registers and SOCKET
registers.
MR, IDM_AR, and IDM_DR register are mapped in T.M.S. COMMON & SOCKET registers are
mapped in T.M.S or W.M.S (W5300 internal Memory Space) according to address mode.
All W5300 registers are 1Byte, 2Bytes, 4Bytes or 6Bytes. According to data bus width of target
host system, the access is processed
– 2bytes address offset at the 16bit data bus and 1 byte
address offset at the 8bit data bus.
When mapping W5300 registers in T.M.S, the physical T.M.S address of W5300 register is
calculated as below.
The byte ordering of W5300 registers is big-endian
– low address byte is used as the most
significant byte.
[Register Notation]
MR : MR register
MR0 : Low address register of MR (Address offset - 0x000 ), Most significant byte
MR1 : High address register of MR (Address offset
– 0x001), Least significant byte
MR(15:5) : 11 bit (from 15th bit to 5th bit of MR register)
MR(0) : 0th bit of MR register, 0th bit of MR1
MR(13) : 13th bit of MR register, 5th bit of MR0
MR0(7) : 15th bit of MR register, Most significant bit of MR0
MR(DWB) : MR의 DWB bit
(DWB : Bit Symbol)
SHAR : Source Hardware Address Register
SHAR0 : 1ST address register of SHAR (Address offset
– 0x008)
SHAR1 : 2nd address register of SHAR (Address offset
– 0x009)
SHAR2 : 3rd address register of SHAR (Address offset
– 0x00A)
SHAR3 : 4th address register of SHAR (Address offset
– 0x00B)
SHAR4 : 5th Address register of SHAR (Address offset
– 0x00C)
SHAR5 : 6th address register of SHAR (Address offset
– 0x00D)
Physical Address of W5300 Reg
= Base Address of T.M.S + Address offset of W5300 Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com