Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 68 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 68 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 64Page - WIZnet Co., Ltd W5300 Datasheet HTML 65Page - WIZnet Co., Ltd W5300 Datasheet HTML 66Page - WIZnet Co., Ltd W5300 Datasheet HTML 67Page - WIZnet Co., Ltd W5300 Datasheet HTML 68Page - WIZnet Co., Ltd W5300 Datasheet HTML 69Page - WIZnet Co., Ltd W5300 Datasheet HTML 70Page - WIZnet Co., Ltd W5300 Datasheet HTML 71Page - WIZnet Co., Ltd W5300 Datasheet HTML 72Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
68
4.4 SOCKET Registers
Sn_MR (SOCKETn Mode Register) [R/W] [0x08200+0x40n/0x200+0x40n] [0x0000]
It configures the protocol type or option of SOCKETn.
Sn_MR0
15
14
13
12
11
10
9
8
0x08200 + 0x40n
-
-
-
-
-
-
-
ALIGN
0x200 + 0x40n
0
0
0
0
0
0
0
0
Sn_MR1
7
6
5
4
3
2
1
0
0x08201 + 0x40n
MULTI
-
ND/MC
-
P3
P2
P1
P0
0x201 + 0x40n
0
0
1
0
0
0
0
0
Sn_MR(15:8)/Sn_MR0(7:0)
Bit
Symbol
Description
15
-
Reserved
14
-
Reserved
13
-
Reserved
12
-
Reserved
11
-
Reserved
10
-
Reserved
9
-
Reserved
8
ALIGN
Alignment
0 : No use alignment
1 : Use alignment
It is valid only in the TCP (P3 ~ P0 : "0001")
With TCP communication, when every the received DATA packet size is of
even number and set as '1', data receiving performance can be improved by
removing PACKET-INFO(data size) that is attached to every the received
DATA packet. For the detail, refer to "5.2.1.1 TCP SERVER"
Sn_MR(7:0)/Sn_MR1(7:0)
Bit
Symbol
Description
7
MULTI
Multicasting
0 : Disable multicasting
1 : Enable multicasting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com