Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 52 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 52 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 48Page - WIZnet Co., Ltd W5300 Datasheet HTML 49Page - WIZnet Co., Ltd W5300 Datasheet HTML 50Page - WIZnet Co., Ltd W5300 Datasheet HTML 51Page - WIZnet Co., Ltd W5300 Datasheet HTML 52Page - WIZnet Co., Ltd W5300 Datasheet HTML 53Page - WIZnet Co., Ltd W5300 Datasheet HTML 54Page - WIZnet Co., Ltd W5300 Datasheet HTML 55Page - WIZnet Co., Ltd W5300 Datasheet HTML 56Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
52
Ex2) When the host reads IR(0x0FE)
and saves it in variable ‘val’,
16 Bit Data Bus Width ( MR(DBW) = ‘1’)
8 Bit Data Bus Width ( MR(DBW) = ‘0’)
IDM_AR = 0x0002
val = IDM_DR
IDM_AR0 = 0x00
IDM_AR1 = 0x02
val = IDM_DR0
val = (val << 8) + IDM_DR1
IDM_AR(0x08002/----)
IDM_AR0(0x08002/----)
IDM_AR1(0x08003/----)
0x00
0x02
IDM_DR(0x08004/----)
IDM_DR0(0x08004/----)
IDM_DR1(0x08005/----)
MSB(IR0) of IR
LSB(IR1) of IR
4.3 COMMON Registers
IR (Interrupt Register) [R/W] [0x08002/0x002] [0x0000]
IR is the register to notify W5300 interrupt type to the host. When any interrupt occurs, the
related bit of IR is set as ‘1’, and if the related interrupt mask bit is ‘1’ then ‘/INT’ signal is
asserted low.
‘/INT’ signal keeps low until all bits of IR becomes ‘0’. If all bits of IR become ‘0’, it is de-asserted
high. In order to clear IR0’s bit which was set as ‘1’, the host should write the bit as ‘1’. In case
of IR1’s bit which was set as ‘1’, it is automatically cleared when clearing all bits of the related
Sn_IR.
IR0
15
14
13
12
11
10
9
8
0x08002
IPCF
DPUR
PPPT
FMTU
-
-
-
-
0x002
0
0
0
0
0
0
0
0
IR1
7
6
5
4
3
2
1
0
0x08003
S7_INT
S6_INT
S5_INT
S4_INT
S3_INT
S2_INT
S1_INT
S0_INT
0x003
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com