Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 87 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 87 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd W5300 Datasheet HTML 87Page - WIZnet Co., Ltd W5300 Datasheet HTML 88Page - WIZnet Co., Ltd W5300 Datasheet HTML 89Page - WIZnet Co., Ltd W5300 Datasheet HTML 90Page - WIZnet Co., Ltd W5300 Datasheet HTML 91Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
87
Sn_TX_FIFOR. If MR(MT) = '0', only the Host-Write of internal TX memory is allowed through
Sn_TX_FIFOR. But if MR(MT) is '1', both of Host-Read and Host-Write are allowed. Be sure to
set it as '0' after verifying interface between W5300 and the host system. (for the detail, refer to
“How to Test Internal TX/RX memory”)
If the host system uses 8 bit data bus width, Sn_TX_FIFOR0 and Sn_TX_FIFOR1 should be
accessed in a pair. When copying 1 byte data into internal TX memory, the host writes the 1
byte data in Sn_TX_FIFOR0 and dummy data in Sn_TX_FIFOR1.
Sn_TX_FIFOR should be accessed with 2 byte size. Access the Sn_TX_FIFOR0 of low address
register first, and the Sn_TX_FIFOR1 of high address register. After accessing Sn_TX_FIFOR0,
it is not allowed to access other W5300 registers except for Sn_TX_FIFOR1.
When any data is written by the host through Sn_TX_FIFOR, the data is sequentially copied into
internal TX memory. The data of Sn_TX_FIFOR0 and Sn_TX_FIFOR1 are respectively saved in
low and high addresses of internal TX memory. The data in internal TX memory is transmitted in
order of low address by SEND or SEND_MAC command.
Ex1) Sn_TX_FIFOR = 0x1122
Sn_TX_FIFOR(0x0822E+0x40n/0x22E+0x040n)
Sn_TX_FIFOR0(0x0822E+0x40n/0x22E+0x040n)
Sn_TX_FIFOR1(0x0822F+0x40n/0x22F+0x040n)
0x11
0x22
Ex2) When transmitting
5 Byte String Data “abcde” (abcde - 0x61 0x62 0x63 0x64 0x65)
16 Bit Data Bus Width ( MR(DBW) = ‘1’)
8 Bit Data Bus Width ( MR(DBW) = ‘0’)
Sn_TX_FIFOR = 0x6162
Sn_TX_FIFOR = 0x6364
Sn_TX_FIFOR = 0x6500
Sn_TX_WRSR0 = 0x0000
Sn_TX_WRSR1 = 0x0005
Sn_CR = 0x0020 (SEND command)
Sn_TX_FIFOR0 = 0x61
Sn_TX_FIFOR1 = 0x62
Sn_TX_FIFOR0 = 0x63
Sn_TX_FIFOR1 = 0x64
Sn_TX_FIFOR0 = 0x65
Sn_TX_FIFOR1 = 0x00
Sn_TX_WRSR0 = 0x00
Sn_TX_WRSR1 = 0x00
Sn_TX_WRSR2 = 0x00
Sn_TX_WRSR2 = 0x05
Sn_CR1 = 0x20 (SEND command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com