Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 81 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 81 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 77Page - WIZnet Co., Ltd W5300 Datasheet HTML 78Page - WIZnet Co., Ltd W5300 Datasheet HTML 79Page - WIZnet Co., Ltd W5300 Datasheet HTML 80Page - WIZnet Co., Ltd W5300 Datasheet HTML 81Page - WIZnet Co., Ltd W5300 Datasheet HTML 82Page - WIZnet Co., Ltd W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
81
Sn_DPORTR (SOCKETn Destination Port Register) [WO]
[0x08212+0x40n/0x212+0x40n] [0x0000]
It sets as destination port number of SOCKETn. If SOCKET0 is used as PPPoE mode,
S0_DPORTR sets PPP session ID that is already known.
It is valid only in TCP, UDP or PPPoE mode, and ignored in other modes.
At the TCP mode, when operating as "TCP CLIENT" it sets as the listen port number of "TCP
SERVER" before performing CONNECT command.
At the UDP mode, Sn_DPORTR sets as the destination port number to be used for transmitting
UDP DATA packet before performing SEND or SEND_MAC command.
At the PPPoE mode, S0_DPORTR sets as PPP session ID that is already known. PPP session
ID (set by S0_DPORTR) is applied to PSIDR after performing OPEN command.
Ex) Sn_DPORTR = 5000(0x1388)
Sn_PORTR(0x08212+0x40n/0x212+0x40n)
Sn_PORTR0(0x08212+0x40n/0x212+0x40n)
Sn_PORTR1(0x08213+0x40n/0x213+0x40n)
0x13
0x88
Sn_DIPR (SOCKETn Destination IP Address Register) [R/W]
[0x08214+0x40n/0x214+0x40n] [00.00.00.00]
It sets or is set as destination IP address of SOCKETn. If SOCKET0 is used as PPPoE mode,
S0_DIPR sets PPPoE server IP address that is already known.
It is valid only in TCP, UDP, IPRAW or PPPoE mode, but ignored in MACRAW mode.
At the TCP mode, when operating as "TCP CLIENT" it sets as IP address of "TCP SERVER"
before performing CONNECT command and when operating as "TCP SERVER", it is internally
set as IP address of "TCP CLIENT" after successfully establishing connection.
At the UDP or IPRAW mode, Sn_DIPR sets as destination IP address to be used for
transmitting UDP or IPRAW DATA packet before performing SEND or SEND_MAC command.
At the PPPoE mode, S0_DIPR sets as PPPoE server IP address that is already known.
Ex) Sn_DIPR = 192.168.0.11
Sn_DIPR(0x08214+0x40n/0x214+0x040n)
Sn_DIPR0(0x08214+0x40n/0x214+0x040n)
Sn_DIPR1(0x08215+0x40n/0x215+0x040n)
192 (0xC0)
168 (0xA8)
Sn_DHAR2(0x08216+0x40n/0x216+0x040n)
Sn_DIPR2(0x08216+0x40n/0x216+0x040n)
Sn_DIPR3(0x08217+0x40n/0x217+0x040n)
0 (0x00)
11 (0x0B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com