Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 19 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 19 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 15Page - WIZnet Co., Ltd W5300 Datasheet HTML 16Page - WIZnet Co., Ltd W5300 Datasheet HTML 17Page - WIZnet Co., Ltd W5300 Datasheet HTML 18Page - WIZnet Co., Ltd W5300 Datasheet HTML 19Page - WIZnet Co., Ltd W5300 Datasheet HTML 20Page - WIZnet Co., Ltd W5300 Datasheet HTML 21Page - WIZnet Co., Ltd W5300 Datasheet HTML 22Page - WIZnet Co., Ltd W5300 Datasheet HTML 23Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
19
MII_RXD3
ID
Receive Data Input
When MII_RXDV is high, the received packet is synchronized
with MII_RXC and inputs in nibble unit.
MII_RXD3 is MSB.
MII_RXD2
MII_RXD1
MII_RXD0
MII_RXDV
ID
Receive Data Valid
This signal indicates the presence of received packet from
MII_RXD[3:0].
It is asserted high when the first nibble data of the received
packet is valid on MII_RXD[3:0] and is de-asserted low after
the last nibble
data of receive
packet clocked in
on
MII_RXD[3:0].
It is valid when MII_RXC is at rising edge.
MII_RXC
ID
Receive Clock Input
It is continuous receive clock from the external PHY. It is
25MHz at the 100Base TX and 2.5MHz at the 10BaseT.
Receive clock is used for timing reference of MII_RXD[3:0] and
MII_RXDV.
Rising Edge Sensitive.
/FDX
IDL
Full-Duplex Select
0 : Full-duplex
1 : Half-duplex
It is input signal from PHY that indicates link status of external
PHY. Most of PHYs support auto-negotiation and notifies the
result to network indicator LED or other signals. It can be
connected to those signals and also it can be configurable
manually by connecting high or low.
Recommend for the better performance.
1.
MII interface signal line length should not be more than 25cm if possible.
2.
The length of MII_TXD[3:0] should be same if possible.
3.
The length of MII_RXD[3:0] should be same if possible.
4.
The length of MII_TXC should not be longer than MII_TXD[3:0] signal line by 2.5cm.
5.
The length of MII_RXC should not be longer than MII_RXD[3:0] signal line by 2.5cm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com