Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 31 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 31 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 27Page - WIZnet Co., Ltd W5300 Datasheet HTML 28Page - WIZnet Co., Ltd W5300 Datasheet HTML 29Page - WIZnet Co., Ltd W5300 Datasheet HTML 30Page - WIZnet Co., Ltd W5300 Datasheet HTML 31Page - WIZnet Co., Ltd W5300 Datasheet HTML 32Page - WIZnet Co., Ltd W5300 Datasheet HTML 33Page - WIZnet Co., Ltd W5300 Datasheet HTML 34Page - WIZnet Co., Ltd W5300 Datasheet HTML 35Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
31
3.4 SOCKET registers
Address offset
Symbol
Description
16Bit
8Bit
16Bit
8Bit
0x200
0x200
S0_MR
S0_MR0
SOCKET0 Mode Register
0x201
S0_MR1
0x202
0x202
S0_CR
S0_CR0
Reserved
0x203
S0_CR1
SOCKET0 Command Register
0x204
0x204
S0_IMR
S0_IMR0
Reserved
0x205
S0_IMR1
SOCKET0 Interrupt Mask Register
0x206
0x206
S0_IR
S0_IR0
Reserved
0x207
S0_IR1
SOCKET0 Interrupt Register
0x208
0x208
S0_SSR
S0_SSR0
Reserved
0x209
S0_SSR1
SOCKET0 SOCKET Status Register
0x20A
0x20A
S0_PORTR
S0_PORTR0
SOCKET0 Source Port Register
0x20B
S0_PORTR1
0x20C
0x20C
S0_DHAR
S0_DHAR0
SOCKET0 Destination Hardware
Address Register
0x20D
S0_DHAR1
0x20E
0x20E
S0_DHAR2
S0_DHAR2
0x20F
S0_DHAR3
0x210
0x210
S0_DHAR4
S0_DHAR4
0x211
S0_DHAR5
0x212
0x212
S0_DPORTR
S0_DPORTR0
SOCKET0 Destination Port Register
0x213
S0_DPORTR1
0x214
0x214
S0_DIPR
S0_DIPR0
SOCKET0 Destination IP Address
Register
0x215
S0_DIPR1
0x216
0x216
S0_DIPR2
S0_DIPR2
0x217
S0_DIPR3
0x218
0x218
S0_MSSR
S0_MSSR0
SOCKET0 Maximum Segment Size
Register
0x219
S0_MSSR1
0x21A
0x21A
S0_PORTOR
S0_KPALVTR
SOCKET0 Keep Alive Time Register
0x21B
S0_PROTOR
SOCKET0 Protocol Number Register
0x21C
0x21C
S0_TOSR
S0_TOSR0
Reserved
0x21D
S0_TOSR1
SOCKET0 TOS Register
0x21E
0x21E
S0_TTLR
S0_TTLR0
Reserved
0x21F
S0_TTLR1
SOCKET0 TTL Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com