Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 85 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 85 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 81Page - WIZnet Co., Ltd W5300 Datasheet HTML 82Page - WIZnet Co., Ltd W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd W5300 Datasheet HTML 87Page - WIZnet Co., Ltd W5300 Datasheet HTML 88Page - WIZnet Co., Ltd W5300 Datasheet HTML 89Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
85
Sn_TX_FSR (SOCKETn TX Free Size Register) [R]
[0x08224+0x40n/0x224+0x40n] [0x00002000]
It notifies the free size of internal TX memory (the byte size of transmittable data) of SOCKETn.
The host
can’t write data through Sn_TX_FIFOR as the size bigger than Sn_TX_FSR.
Therefore, be sure to check Sn_TX_FSR before transmitting data, and if data size is smaller
than or same as Sn_TX_FSR, transmit the data with SEND or SEND_MAC command after
copying the data.
At the TCP mode, if the peer checks the transmitted DATA packet (if DATA/ACK packet is
received from the peer), Sn_TX_FSR is automatically increased by the size of transmitted DATA
packet. At the other modes, when Sn_IR(SENDOK) is '1', Sn_TX_FSR is automatically
increased by the size of transmitted data.
Ex1) Sn_TX_FSR = 64KB = 65536 = 0x00010000
Sn_TX_FSR(0x08224+0x40n/0x224+0x040n)
Sn_TX_FSR0(0x08224+0x40n/0x214+0x040n)
Sn_TX_FSR1(0x08225+0x40n/0x225+0x040n)
Reserved
-
-
-
-
-
-
-
‘1’
Sn_TX_FSR2(0x08226+0x40n/0x226+0x040n)
Sn_TX_FSR2(0x08226+0x40n/0x226+0x040n)
Sn_TX_FSR3(0x08227+0x40n/0x227+0x040n)
0x00
0x00
Ex2) Sn_TX_FSR = 33332 = 0x00008234
Sn_TX_FSR(0x08224+0x40n/0x224+0x040n)
Sn_TX_FSR0(0x08224+0x40n/0x224+0x040n)
Sn_TX_FSR1(0x08225+0x40n/0x225+0x040n)
Reserved
-
-
-
-
-
-
-
‘0’
Sn_TX_FSR2(0x08226+0x40n/0x226+0x040n)
Sn_TX_FSR2(0x08226+0x40n/0x226+0x040n)
Sn_TX_FSR3(0x08227+0x40n/0x227+0x040n)
0x82
0x34
Sn_RX_RSR (SOCKETn RX Received Size Register) [R]
[0x08228+0x40n/0x228+0x40n] [0x00000000]
It informs the byte size of received data in internal RX memory of SOCKETn.
The host
can’t read data through Sn_RX_FIFOR as the size bigger than Sn_RX_RSR. So, after
checking Sn_RX_RSR, the host read the received data though Sn_RX_FIFOR smaller than or
as same size as Sn_RX_RSR, and copies the data into the host system memory. After memory
copy, the host should inform the copy completion of data to W5300 by RECV command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com