Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 51 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 51 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 47Page - WIZnet Co., Ltd W5300 Datasheet HTML 48Page - WIZnet Co., Ltd W5300 Datasheet HTML 49Page - WIZnet Co., Ltd W5300 Datasheet HTML 50Page - WIZnet Co., Ltd W5300 Datasheet HTML 51Page - WIZnet Co., Ltd W5300 Datasheet HTML 52Page - WIZnet Co., Ltd W5300 Datasheet HTML 53Page - WIZnet Co., Ltd W5300 Datasheet HTML 54Page - WIZnet Co., Ltd W5300 Datasheet HTML 55Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
51
4.2 Indirect Mode Registers
In case of MR(IND) = ‘1’, W5300 operates as indirect address mode. Target host system can
access indirectly COMMON and SOCKET registers using only MR, IDM_AR, IDM_DR(That is,
Target host system can access directly MR, IDM_AR, IDM_DR which are only mapped in T.M.S).
IDM_AR(Indirect Mode Address Register) [R/W] [0x08002/----][0x0000]
It sets an address offset of COMMON registers or SOCKET registers that are indirectly
accessible. IDM_AR(0) or IDM_AR1(0) which is the least significant bit of IDM_AR, are ignored.
Ex) Accessing S4_RX_FIFOR(0x330) is as below.
IDM_AR0 = MSB (0x03) of address offset of S4_RX_FIFOR
IDM_AR1 = LSB (0x30) of address offset of S4_RX_FIFOR
IDM_AR(0x08002/----)
IDM_AR0(0x08002/----)
IDM_AR1(0x08003/----)
0x03
0x30
IDM_DR(Indirect Mode Data Register) [R/W] [0x08004/----][0x0000]
It accesses a real data value of COMMON or SOCKET registers that are indirectly accessible.
IDM_DR0 corresponds to MSB values of the register addressed by IDM_AR, and IDM_DR1
does to LSB value of that.
When using 8bit data bus width and accessing LSB of any register, IDM_DR1 should be
accessed. When accessing MSB, IDM_DR0 should be accessed.
It accesses the real value of COMMON or SOCKET registers which have the address offset in
IDM_AR.
The MSB and LSB value of register addressed by IDM_AR corresponds to DM_DR0 and
IDM_DR1 respectively.
At 8 bit data bus width, if the host access the LSB value of register addressed by IDM_AR then
use IDM_DR1, and if the host access the MSB value of that then use IDM_DR0.
Ex1) When the host writes IR(0x002) with the value 0x80F0,
16 Bit Data Bus Width ( MR(DBW) = ‘1’)
8 Bit Data Bus Width ( MR(DBW) = ‘0’)
IDM_AR = 0x0002
IDM_DR = 0x80F0
IDM_AR0 = 0x00
IDM_AR1 = 0x02
IDM_DR0 = 0x80
IDM_DR1 = 0xF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com