Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 53 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 53 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 49Page - WIZnet Co., Ltd W5300 Datasheet HTML 50Page - WIZnet Co., Ltd W5300 Datasheet HTML 51Page - WIZnet Co., Ltd W5300 Datasheet HTML 52Page - WIZnet Co., Ltd W5300 Datasheet HTML 53Page - WIZnet Co., Ltd W5300 Datasheet HTML 54Page - WIZnet Co., Ltd W5300 Datasheet HTML 55Page - WIZnet Co., Ltd W5300 Datasheet HTML 56Page - WIZnet Co., Ltd W5300 Datasheet HTML 57Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
53
IR(15:8)/IR0(7:0)
Bit
Symbol
Description
15
IPCF
IP Conflict
It’s set as ‘1’ when IP address is conflicted (when receiving ARP-request
packet having same IP address as source IP address of W5300)
. When it’s
set as ‘1’, there is another device using same IP address on the network to
cause communication problem. Therefore, quick step is required to settle
this problem.
14
DPUR
Destination Port unreachable
It’s set as ‘1’ when receiving ICMP(Destination port unreachable) packet.
Refer to UIPR and UPORTR.
13
PPPT
PPPoE Terminate
When the connection with server is closed at the PPPoE mode, it is set as
‘1’.
12
FMTU
Fragment MTU
When receiving ICMP (Fragment MTU) packet, it’s set as ‘1’
Refer to FMTUR.
11
-
Reserved
10
-
Reserved
9
-
Reserved
8
-
Reserved
IR(7:0)/IR1(7:0)
Bit
Symbol
Description
7
S7_INT
Occurrence of SOCKET7 Interrupt
When an interrupt occurs at the SOCKET7, it becomes
‘1’. This interrupt
information is applied to S7_IR1. This bit is automatically cleared when
S7_IR1 is cleared to 0x00 by host.
6
S6_INT
Occurrence of SOCKET6 Interrupt
When an interrupt occurs at the SOCKET6, it becomes
‘1’. This interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com