Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 64 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 64 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 60Page - WIZnet Co., Ltd W5300 Datasheet HTML 61Page - WIZnet Co., Ltd W5300 Datasheet HTML 62Page - WIZnet Co., Ltd W5300 Datasheet HTML 63Page - WIZnet Co., Ltd W5300 Datasheet HTML 64Page - WIZnet Co., Ltd W5300 Datasheet HTML 65Page - WIZnet Co., Ltd W5300 Datasheet HTML 66Page - WIZnet Co., Ltd W5300 Datasheet HTML 67Page - WIZnet Co., Ltd W5300 Datasheet HTML 68Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
64
UIPR (Unreachable IP Address Register) [R] [0x08048/0x048] [00.00.00.00]
UPORTR (Unreachable Port Register) [R] [0x0804C/0x04C] [0x0000]
When trying to transmit UDP data to destination port number which is not open, W5300 can
receive ICMP (Destination port unreachable) packet. In this case, I
R(DPUR) becomes ‘1’ and
destination IP address and unreachable port number of ICMP packet can be acquired through
UIPR and UPORTR.
Ex1) UIPR = 192.168.0.11
UIPR(0x08048/0x048)
UIPR2(0x0804A/0x04A)
UIPR0(0x08048/0x048)
UIPR1(0x08049/0x049)
UIPR2(0x0804A/0x04A)
UIPR3(0x0804B/0x04B)
192 (0xC0)
168 (0xA8)
0 (0x00)
11 (0x0B)
Ex2) UPORT = 5000(0x1388)
UPORTR(0x0804C/0x04C)
UPORTR0(0x0804C/0x04C)
UPORTR1(0x0804D/0x04D)
0x13
0x18
FMTUR (Fragment MTU Register) [R] [0x0804E/0x04E] [0x0000]
When communicating with the peer having a different MTU, W5300 can receive an
ICMP(Fragment MTU) packet. At this case, IR(FMTU) becomes ‘1’ and destination IP address
and fragment MTU value of ICMP packet can be acquired through UIPR and FMTUR. In order
to keep communicating with the peer having Fragment MTU, set the FMTUR first in Sn_MSSR
of the SOCKETn, and try the next communication.
Ex) FMTUR = 512(0x200)
FMTUR(0x0804E/0x04E)
FMTUR0(0x0804E/0x04E)
FMTUR1(0x0804F/0x04F)
0x02
0x00
Pn_BRDYR (PIN "BRDYn" Configure Register) [R/W] [0x08060+4n/0x060+4n] [0x--00]
It configures the PIN "BRDYn" which is monitoring TX/RX memory status of the specified
SOCKET. If the free buffer size of TX memory is same or bigger than the buffer depth of
Pn_BDPTHR, or received buffer size of RX memory is same or bigger than the Pn_BDPTHR,
PIN "BRDYn" is signaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com