Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 14 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 14 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 10Page - WIZnet Co., Ltd W5300 Datasheet HTML 11Page - WIZnet Co., Ltd W5300 Datasheet HTML 12Page - WIZnet Co., Ltd W5300 Datasheet HTML 13Page - WIZnet Co., Ltd W5300 Datasheet HTML 14Page - WIZnet Co., Ltd W5300 Datasheet HTML 15Page - WIZnet Co., Ltd W5300 Datasheet HTML 16Page - WIZnet Co., Ltd W5300 Datasheet HTML 17Page - WIZnet Co., Ltd W5300 Datasheet HTML 18Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
14
1.2 Configuration Signals
Symbol
Type
Description
TEST_MODE[3:0]
ID
W5300 mode select
It configures PHY mode and factory test mode of W5300.
TEST_MODE
Description
3
2
1
0
0
0
0
0
Internal PHY Mode (Normal Operation)
0
0
0
1
External PHY Mode with Crystal clock
0
0
1
0
External PHY Mode with Oscillator clock
Others
Reserved (Factory Test Mode)
At the external PHY mode, Clock input pin is changed by clock
source. Refer to “1.7 Clock Signals”.
OP_MODE[2:0]
ID
Internal PHY operation control mode
It configures the operation mode of internal PHY.
OP_MODE
Description
2
1
0
0
0
0
Normal Operation Mode, Recommended
Auto-negotiation enable with all capabilities
0
0
1
Auto-negotiation with 100 BASE-TX FDX/HDX ability
0
1
0
Auto-negotiation with 10 BASE-T FDX/HDX ability
0
1
1
Reserved
1
0
0
Manual selection of 100 BASE-TX FDX
1
0
1
Manual selection of 100 BASE-TX HDX
1
1
0
Manual selection of 10 BASE-T FDX
1
1
1
Manual selection of 10 BASE-T HDX
cf> FDX : Full-duplex, HDX : Half-duplex
The setting value is latched after hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com