Electronic Components Datasheet Search
  English  ▼

X  

W5300 Datasheet(PDF) 74 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 74 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 70Page - WIZnet Co., Ltd W5300 Datasheet HTML 71Page - WIZnet Co., Ltd W5300 Datasheet HTML 72Page - WIZnet Co., Ltd W5300 Datasheet HTML 73Page - WIZnet Co., Ltd W5300 Datasheet HTML 74Page - WIZnet Co., Ltd W5300 Datasheet HTML 75Page - WIZnet Co., Ltd W5300 Datasheet HTML 76Page - WIZnet Co., Ltd W5300 Datasheet HTML 77Page - WIZnet Co., Ltd W5300 Datasheet HTML 78Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
74
Sn_IMR (SOCKETn Interrupt Mask Register)[R/W] [0x08204+0x40n/0x204+0x40n] [0x--FF]
It configures the interrupt of SOCKETn so as to notify to the host.
Interrupt mask bit of Sn_IMR corresponds to interrupt bit of Sn_IR. If interrupt occurs in any
SOCKET and the bit is set as '1', its corresponding bit of Sn_IR is set as '1'. When the bits of
Sn_IMR and Sn_IR are '1', IR(n) becomes '1'. At this time, if IMR(n) is '1', the interrupt is issued
to the host ('/INT' signal is asserted low.)
Sn_IMR0
15
14
13
12
11
10
9
8
0x08204 + 0x40n
-
-
-
-
-
-
-
-
0x204 + 0x40n
0
0
0
0
0
0
0
0
Sn_IMR1
7
6
5
4
3
2
1
0
0x08205 + 0x40n
PRECV
PFAIL
PNEXT
SENDOK
TIMEOUT
RECV
DISCON
CON
0x205 + 0x40n
1
1
1
1
1
1
1
1
Sn_IMR(15:8)/Sn_IMR0(7:0) : All Reserved
Sn_IMR(7:0)/Sn_IMR1(7:0)
Bit
Symbol
Description
7
PRECV
Sn_IR(PRECV) Interrupt Mask
Valid only in case of 'SOCKET=0' & 'S0_MR(P3:P0)=S0_MR_PPPoE'
6
PFAIL
Sn_IR(PFAIL) Interrupt Mask
Valid only in case of 'SOCKET=0' & 'S0_MR(P3:P0)=S0_MR_PPPoE'
5
PNEXT
Sn_IR(PNEXT) Interrupt Mask
Valid only in case of 'SOCKET=0' & 'S0_MR(P3:P0)=S0_MR_PPPoE'
4
SENDOK
Sn_IR(SENDOK) Interrupt Mask
3
TIMEOUT
Sn_IR(TIMEOUT) Interrupt Mask
2
RECV
Sn_IR(RECV) Interrupt Mask
1
DISCON
Sn_IR(DISCON) Interrupt Mask
0
CON
Sn_IR(CON) Interrupt Mask
Sn_IR (SOCKETn Interrupt Register) [R/W] [0x08206+0x40n/0x206+0x40n] [0x--00]
Sn_IR is the register to notify interrupt type (establishment, termination, receiving data, timeout)
of SOCKENTn to the host.
When any Interrupt occurs and the mask bit of Sn_IMR is '1', the interrupt bit of Sn_IR becomes
'1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com