Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 17Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 18Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 19Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 20Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 21Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 22Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 23Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 24Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
21
7.
Functional Description
7.1 MPU Interface
7.1.1 Selection of Interface Type
The EM65568 transfers data through 8-bit parallel I/O (D7-D0), 16-bit parallel I/O (D15-D0) or serial data input (SDA, SCL).
The parallel interface or serial interface can select by state of P/S pin. When select serial interface, data reading cannot be
performed, only data writing can operate.
P/S
I/F Type
CSB
RS
RDB
WRB
M86
SDA
SCL
Data
H
Parallel
CSB
RS
RDB
WRB
M86
-
-
D7~D0 (D15~D0)
L
Serial
CSB
RS
-
-
-
SDA
SCL
-
7.1.2 Parallel Input
When parallel interface is selected with the P/S pin, the EM65568 allows data to be transferred in parallel to an 8-bit/16-bit
MPU through the data bus. For the 8-bit/16-bit MPU, either the 80-family MPU interface or the 68-family MPU interface can
be selected with the m86 pin.
M86
MPU Type
CSB
RS
RDB
WRB
Data
H
68-family MPU
CSB
RS
E
R/WB
D7~D0 (D15~D0)
L
80-family MPU
CSB
RS
RDB
WRB
D0~D7 (D15~D0)
7.1.3 Read/Write functions of Register and display RAM
The EM65568 have four read/write functions at parallel interface mode. Each read/write function select by combinations of RS,
RDB and WRB signals.
80-family
RS
68-family
R/WB
RDB
WRB
Function
1
1
0
1
Read internal Register
1
0
1
0
Write internal Register
0
1
0
1
Read display data
0
0
1
0
Write display data
7.1.4 Serial Interface
EM65568 has two types serial interface. One is a 3-wires type serial interface; other one is a 4-wires type serial interface. The
3-wire or 4-wire is determined by SMODE pin.
SMODE = “L”: 4-wires serial interface
SMODE = “H”: 3-wires serial interface
7.1.5 4 Wires Serial Interface
When chip select is active (CSB = “L”), 4-wires type serial interface can work through the SDA and SCL input pins. When
chip select is inactive (CSB = “H”), the internal shift register and counter are reset in the initial condition. Serial data SDA are
input sequentially in order of D7 to D0 at the rising of serial clock (SCL) and are converted into 8-bit parallel data (by serial to
parallel conversion) at the rising edge of the 8th serial clock, being processed in accordance with the data. The identification
whether are serial data inputs (SDA) are display data or control register data is judged by input to RS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com