Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
72
REV
Corresponding to the data of display RAM, the lighting or not-lighting of the display is set up.
REV =”0”: When RAM data at “H”, LCD at ON voltage (normal)
REV =”1”: When RAM data at “L”, LCD at ON voltage (reverse)
8.2.7 Increment Control Register Set
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
1
0
WIN AIM AYI AXI
0
1
1
0
0
0
0
(At the tine of reset: {WIN,AIM,AYI,AXI}=0H, read address: AH)
This register control the increment mode and window function when accessing to display RAM. The increment operation of
AX and AY register can control by AIM,AYI and AXI registers setting and every write access or every read access to display
RAM. The AY register directly connect to display RAM as Y address. The AX register connect to address converter, and that
output to display RAM as X address in the auto increment mode, AX and AY register are increment, not directly increment X
and Y address.
In setting to this control register, the increment operation of address can be made without setting successive addresses for
writing data or for reading data to display RAM from MPU.
The WIN register use for window function control.
WIN=”0”: Normal RAM access
WIN=”1”: Window function access
In case of using window function access, should be set following register before access to RAM.
WIN=”1”, AXI=”1”, AYI=”1”
X Address, Y Address, Window X End Address, Window Y End Address
Moreover, should be keep following address condition.
Window end X address ≧ Window start X address
Window end Y address ≧ Window start Y address
Detail of window function see “6-7 Display RAM access using Window Function”.
The increment control of X and Y addresses by AIM, AYI and AXI registers are as follows.
AIM
Address Increment Timing
0
When writing to Display RAM or reading from Display RAM
This is effective when access to successive address area
1
Only when writing to Display RAM
This is effective the case of “Read Modify Write
AYI
AXI
Select Address Increment Operation
Remark
0
0
Address is not increment
(1)
0
1
X-Address is increment
(2)
1
0
Y-Address is increment
(3)
1
1
X and Y both are increment
(4)
(1) Regardless of AIM, no increment for AX and AY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com