Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 46 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 46 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 42Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 43Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 44Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 45Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 46Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 47Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 50Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
46
Gradation level table (PWM = “1”, fixed mode , MON= “0”, C256= “0”)
(MSB)RAM data(LSB)
Gradation Level
0
0
0
0
0
0
0
0
1
1/15
0
0
1
0
2/15
0
0
1
1
3/15
0
1
0
0
4/15
0
1
0
1
5/15
0
1
1
0
6/15
0
1
1
1
7/15
1
0
0
0
8/15
1
0
0
1
9/15
1
0
1
0
10/15
1
0
1
1
11/15
1
1
0
0
12/15
1
1
0
1
13/15
1
1
1
0
14/15
1
1
1
1
15/15
Gradation level table (PWM = “1”, fixed mode , MON= “0”, C256= “1”)
(MSB)RAM data(LSB)
Gradation Level
0
0
0
*
0
0
0
1
*
1/7
0
1
0
*
2/7
0
1
1
*
3/7
1
0
0
*
4/7
1
0
1
*
5/7
1
1
0
*
6/7
1
1
1
*
7/7
Monochrome mode , MON= “1”
(MSB)RAM data(LSB)
Gradation Level
0
*
*
*
0
1
*
*
*
1
*: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com