Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM65568AF Datasheet HTML 1Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 2Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 3Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 4Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 5Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 6Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 7Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 8Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
4
1.
General description
EM65568 is one of the industry’s most advanced wide-screen STN-LCD drivers for 4096-color display. The industry’s first
sub-screen display function makes it possible to display different images and data in a sub-screen inside the main LCD screen.
It also has a built-in display RAM, a power supply circuit for LCD drive, and an LCD controller circuit, therefore contributing
to compact system design. Its partial display function realizes low power consumption.
*Partial display function: A function that utilizes only part of the screen, thus reducing power consumption.
2.
Feature
4096-color display
LCD outputs: Segment 128RGB(384 outputs); Common 130 outputs
Display RAM capacity: 128x130x12=199680 bits
Built-in display RAM and power supply circuit
Partial display functions
Switchable display in black and white mode
Bus connection with 80-family/68-family MPU/ELAN MPU
Logic power supply voltage: 2.2 to 3.3 V
LCD driving voltage: 5.0 to 18 V
Booster: 2 to 6 times
Write system cycle: 200 ns
Package:
Part Number
Package
Description
Package information
EM65568AGH
Gold bumped chip
NA
Page 5
EM65568AF
COF
Ver.A
Page 111
EM65568BF
COF
Ver.B
Page 112
Note: The EM65568 series has the following sub-codes depending on their shapes.
H: Bare chip (Aluminum pad without bumped); GH: Gold bumped chip;
F: COF package; T: TAB (TCP) package
Example EM65568AGH
EM65568: Elan number ; A: Package Version ; GH: Gold bumped chip
3.
Applications
Mobile phone
Small PDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com