Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 2Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 3Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 4Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 5Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 6Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 7Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 8Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 9Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
6
PIN DIMENSIONS
Size
Item
Pad No.
X
Y
Unit
Chip size
-
21760
1730
1~26,283~308,338~751
36
63
27~282
46
63
Bump Size
309~337,752~780
63
36
Pad Pitch
50 (min.)
µm
Die thickness
(excluding bumps)
508+/-25.4
Bump Height
All Pad 17 +/- 3 (within die)
Minimum Bump Gap
14
Coordinate Origin
Chip center
RECOMMENDED COG ITO TRACES RESISTOR
Interface
ITO Traces resistances
V0~V4
CAP1+, CAP1-, CAP2+, CAP2-,CAP3+,CAP3-
CAP4+, CAP4-, CAP5+, CAP5-, Vout
VDD, VEE
VSSL, VSSH
Max=50Ω
WRB,RDB,CSB,…, D0~D7
Max=3KΩ
RESB
Max=5~10KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com