Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 45Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 46Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 47Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 51Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 52Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
49
7.19 LCD Drive Circuit
This drive circuit generates four levels LCD drive voltage. The circuit has 384 segment outputs and 130 common outputs and
outputs combined display data and M signal. Two of common outputs, COMA and COMB, are special outputs. The COMA
and COMB outputs be not influenced by partial setting. Mainly use for display. The common drive circuit that has shift register
sequentially outputs common scan signals.
7.20 Oscillating Circuit
The EM65568 has the CR oscillator. The output from this oscillator is used as the timing signal source of the display and the
boosting clock to the booster.
This can use only in the master operation mode.
When in the master operation mode and external clock is used, feed the clock to CK pin.
The duty cycle of the external clock must be 50%.
The resistance ratio of CR oscillator is programmable. If change this ratio, also change frame frequency for display.
7.21 Power Supply Circuit
This circuit supplies voltages necessary to drive a LCD. The circuit consists of booster and voltage converter.
Boosted voltage from the booster is fed to the voltage converter that converts this input voltage into V0, V1, V2, V3 and V4
that are used to drive the LCD. This internal power supply should not be used to drive a large LCD panel containing many
pixels. Otherwise, display quality will degrade considerably. Instead, use an external power supply. When using the external
power supply, turn off the internal power supply (AMPON, DCON=”00”), disconnect pins CAP1+, CAP2+, CAP2-, CAP3+,
CAP3-, CAP4+, CAP4-, CAP5+, CAP5-,VOUT, VEE, VREF and VREG. Then, feed external LCD drive voltages to pins V0,
V1, V2, V3 and V4. The power circuit can be control by power circuit related register. So partial function of built-in power
circuit can use with external power supply.
DCON AMPON Booster circuit Voltage conversion circuit
Extemal voltage input
Note
0
0
DISABLE
DISABLE
V0,V1,V2,V3 and V4 are supplied
※1
0
1
DISABLE
ENABLE
VOUT is supplied
※2
1
1
ENABLE
ENABLE
-
-
※
1 Because the booster and voltage converter not operating, disconnect pins
CAP1+, CAP1-, CAP2+, CAP2-, CAP3+, CAP3-, CAP4+, CAP4 -, CAP5+, CAP5-, VOUT, VREF, VREG and VEE.
Apply external LCD drive voltages to corresponding pin.
※
2 Because the booster is not operating, disconnect pins
CAP1+, CAP1-, CAP2+, CPA2-, CAP3+, CAP3-, CAP4+, CAP4-, CAP5+, CAP5- and VEE.
Derive the voltage source to be supplied to the voltage converter from VOUT pin and then
Input the reference voltage at VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com