Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 70 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 70 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 66Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 67Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
70
ON/OFF = “1”: Display ON
ALLON
Regardless of the data for display, all is on.
This control has priority over display normal/reverse commands.
ALLON = “0”: Normal display
ALLON = “1”: All display lighted
MON
Select Monochrome or Gradation display
MON = “0”: Gradation display mode
MON = “1”: Monochrome display mode
SHIFT
The shift direction of display scanning data in the common driver output is selected.
SHIFT = “0”: COM0 COM127 shift-scan
SHIFT = “1”: COM127 COM0 shift-scan
8.2.6 Display Control (2) Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
1
REV NLIN SWAP REF
0
1
1
0
0
0
0
(At the time of reset: {REV,NLIN,SWAP,REF}=0H, read address: 9H)
Various control of display is set up.
REF
When MPU accesses to display RAM, the X address and data can reverse. The REF function shows in the table below:
Access from MPU
Internal Access
REF
X Address
D7-D0
X Address
D7-D0
Corresponding
Segment Output
0
NH
D0(LSB)
:
D7(MSB)
NH
(LSB)
:
(MSB)
SEG(8*NH)Output
:
SEG(8*NH+7)Output
1
NH
D0(LSB)
:
D7(MSB)
MaxH-NH
(MSB)
:
(LSB)
SEG(8*(maxH-NH)+7)Output
:
SEG(8*(maxH-NH))Output
Note: maxH: The maximum X-address in each access mode.
The order of segment driver output can be reversed by register by register setting, lessening the limitation in placing IC when
assembling a LCD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com