Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 35Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 36Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 37Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 38Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 39Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 40Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 41Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 42Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
39
16-bit mode
In 16-bits access, the weighting for each data bit is dependent on the status of the SWAP bit and the REF bit that is selected
when data is written to the display RAM, as in the case with 8-bits access.
(REF, SWAP)=(0,0) or (1,1)
palette Aj
palette Bj
palette Cj
0
0
1
0
0
1
1
1
0
0
1
0
0
1
1
1
MSB LSB
M SB LSB
MSB
i=0 to 127
Gradation palette j=0 to 15
Gradation control
display RAM data
MPU write data X address: nH
SEGAi
SEGBi
SEGCi
Note : Internal X address : nH
(REF="0")
: 7FH-nH (REF="1")
0
0
LSB
1
0
0
0
0
1
ABS=1
D7 D8
D9 D10 D12 D13 D14 D15
D4
D3
D2
D1
D4 D5
D6 D7 D8
D9 D10 D11
D3
D2
D1
D0
(REF, SWAP)=(0,1) or (1,0)
palette Cj
palette Bj
palette Aj
1
1
0
0
0
0
0
0
0
0
1
0
0
1
1
1
LSB MSB
LSB MSB
LSB
i=0 to 127
Gradation palette j=0 to 15
Gradation control
display RAM data
MPU write data X address: nH
SEGAi
SEGBi
SEGCi
Note : Internal X address : nH
(REF="0")
: 7FH-nH (REF="1")
1
0
MSB
0
1
1
0
0
1
ABS=1
D7 D8
D9 D10 D12 D13 D14 D15
D4
D3
D2
D1
D4 D5
D6 D7 D8
D9 D10 D11
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com