Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 84 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 84 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 80Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 81Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 82Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 83Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 84Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 85Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 86Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 88Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
84
256 color mode
[Three groups of palettes Aj,Bj, and Cj (j=0-7) are available]
Palette
Gradation
level
Remarks
Palette
Gradation
level
Remarks
0 0 0 0 0
0
256 color palette0 initial value
1 0 0 0 0
16/31
0 0 0 0 1
1/31
1 0 0 0 1
17/31
256 color palette4 initial value
0 0 0 1 0
2/31
1 0 0 1 0
18/31
0001 1
3/31
1 0 0 1 1
19/31
0 0 1 0 0
4/31
1 0 1 0 0
20/31
0 0 1 0 1
5/31
256 color palette1 initial value
1 0 1 0 1
21/31
256 color palette5 initial value
0 0 1 1 0
6/31
1 0 1 1 0
22/31
0 0 1 1 1
7//31
1 0 1 1 1
23/31
0 1 0 0 0
8/31
1 1 0 0 0
24/31
0 1 0 0 1
9/31
1 1 0 0 1
25/31
0 1 0 1 0
10/31
256 color palette2 initial value
1 1 0 1 0
26/31
256 color palette6 initial value
0101 1
11/31
1 1 0 1 1
27/31
0 1 1 0 0
12/31
1 1 1 0 0
28/31
0 1 1 0 1
13/31
1 1 1 0 1
29/31
0 1 1 1 0
14/31
256 color palette3 initial value
1 1 1 1 0
30/31
0 1 1 1 0
15/31
1 1 1 1 1
31/31
256 color palette7 initial value
8.2.14 Display Start Common
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
0
SC3 SC2 SC1 SC0
0
1
1
0
1
0
0
(At the time of reset:{ SC2,SC1,SC0}=0H, read address: 6H)
※
Mark shows “Don’t care”
The SC register set up the scanning start output of the common driver.
SC3
SC2
SC1
SC0
Display starting common when
SHIFT=0
Display starting common when
SHIFT=1
0
0
0
0
COM0~
COM127~
0
0
0
1
COM8~
COM119~
0
0
1
0
COM16~
COM111~
0
0
1
1
COM24~
COM103~
0
1
0
0
COM32~
COM95~
0
1
0
1
COM40~
COM87~
0
1
1
0
COM48~
COM79~
0
1
1
1
COM56~
COM71~
1
0
0
0
COM64~
COM63~
1
0
0
1
COM72~
COM55~
1
0
1
0
COM80~
COM47~
1
0
1
1
COM88~
COM39~
1
1
0
0
COM96~
COM31~
1
1
0
1
COM104~
COM23~
1
1
1
0
COM112~
COM15~
1
1
1
1
COM120~
COM7~
Prohibit code
Prohibit code
SHIFT=”0”: COM0 to COM127 shift-scan
SHIFT=”1”: COM127 down to COM0 shift-scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com