Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 73 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 73 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 77Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
73
(2) According to the setting-up of AIM, automatically change X address.
In accordance with the REF register, AX register and X address becomes as follows.
REF
Transition of AX Register
Transition of X Address
0
Same as AX register
1
00H
01H
.......
max
max
maxH
.....
00H
Note: maxH: The internal maximum X-address in each access mode.
(3) According to the setting-up of AIM, automatically change Y address. Regardless of REF, increment by loop of
00H
01H
.......
51H
Transition of AY Register
Transition of Y Address
Same as AY register
(4) According to the setting-up of AIM, cooperative change X and Y address. When the X address exceed maxH, Y address
increment occurs.
00H
00H
max
AX:
AY:
When each AX exceed maxH, increment AY
REF
Transition of AX and AY Register
Transition of X and Y Address
0
Same as AX and AY register
1
00H
00H
51H
AX:
max
maxH
00H
AY:
Same as AY register
Note: maxH: The internal maximum X-address in each access mode.
Following shows address increment in window function access.
REF
Transition of AX and AY Register
Transition of X and Y Address
0
Same as AX and AY register
1
AX:
START
Address
START
Address+1
END
Address
When each AX exceed AE, increment AY
AY:
START
Address
START
Address+1
END
Address
maxH-
(START
Address)
maxH-
(START
Address+1)
maxH-
(END
Address)
AX:
AY:
Same as AY register
Note: maxH: The internal maximum X-address in each access mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com