Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 67Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
71
SWAP
When data to display RAM are written, the write data exchange bit order.
SWAP = “0”: Normal mode.
SWAP = “1”: in data writing, exchange bit order.
Example of exchange bit order
Write Data
Internal Data
SWAP=0
SWAP=1
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
d7
d0 d1 d2 d3 d4 d5 d6
d8 d9 d10 d11
d0
d1
d2
d3
d4
d5
d6
d7
d8
d9
d10
d11
8 bit access (HSW=1)
Write Data
Internal Data
SWAP=0
SWAP=1
D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6
D7
D0 D1 D2 D3 D4 D5 D6
d7
d0 d1 d2 d3 d4 d5 d6
d0
d1
d2
d3
d4
d5
d6
d7
16 bit access (HSW=1)
Write Data
Internal Data
SWAP=0
SWAP=1
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
D7
D0 D1 D2 D3 D4 D5 D6
D8 D9 D10 D11
d7
d0 d1 d2 d3 d4 d5 d6
d8 d9 d10 d11
d0
d1
d2
d3
d4
d5
d6
d7
d8
d9
d10
d11
D12 D13 D14D15
d12 d13 d14 d15
D12D13D14 D15
d12
d13
d14
d15
CAUTION: REF and SWAP both set to “1”
When data write to display RAM, the write data is normal bit order.
When data read from display RAM, the read data is exchanged bit order.
NLIN
The NLIN control n-line alternated drive.
NLIN = “0”: n-line alternated drive OFF. In each frame, the alternated signals (M) are reversed.
NLIN =”1”: n-line alternated drive ON. According to data set up in n-line alternated register, the alternation is made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com