Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 87 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 87 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 83Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 84Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 85Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 86Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 88Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 89Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 90Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 91Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
87
8.2.18 Resistance Ratio of CR Oscillator
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
1
0
1
※
RF2 RF1 RF0
0
1
1
0
1
0
0
(At the time of reset: {RF2, RF1, RF0} = 0H, read address: DH)
※
Mark shows “Don’t care”
The RF registers can control resistance ratio of CR oscillator. Therefore frame frequency can change RF registers setting.
When change RF registers value, should be need to check LCD display quality.
RF2 RF1 RF0
Operation
0
0
0
Initial Resistance Ratio
0
0
1
0.7 times of initial Resistance Ratio
0
1
0
0.85 times of initial Resistance Ratio
0
1
1
1.15 times of initial Resistance Ratio
1
0
0
1.3 times of initial Resistance Ratio
1
0
1
Prohibit Code
1
1
0
Prohibit Code
1
1
1
Prohibit Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com