Electronic Components Datasheet Search
  English  ▼

X  

EM65568AF Datasheet(PDF) 91 Page - ELAN Microelectronics Corp

Part # EM65568AF
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568AF Datasheet(HTML) 91 Page - ELAN Microelectronics Corp

Back Button EM65568AF Datasheet HTML 87Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 88Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 89Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 90Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 91Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 92Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 93Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 94Page - ELAN Microelectronics Corp EM65568AF Datasheet HTML 95Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
91
The reverse type is selectable by BT register.
When use Line Reverse Display function, LS and LE registers must keep following relation.
LS ≦ LE
The BT register control line reverse type. This is an option of line reverse display function.
This BTs setting is only available in case of LREV=”1”
BT = “0”: Reverse display
BT = “1”: Reverse display at each 32 frame.
Display change
each 32 frame
Blink example(LREV="1", BT="1")
The special segment outputs aren’t influenced by LREV and BT setting. The display area by selected COMA and COMB
common outputs aren’t also influenced.
ELAN
LCD DRIVER
Low Power and
Low Voltage
ELAN
LCD DRIVER
Low Power and
Low Voltage
Line reverse start address
Line reverse end address
Blink example (LREV="1", BT="1")
Display change each 32 frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com